Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65231 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65231
Description  POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65231 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65231 Datasheet HTML 2Page - Texas Instruments TPS65231 Datasheet HTML 3Page - Texas Instruments TPS65231 Datasheet HTML 4Page - Texas Instruments TPS65231 Datasheet HTML 5Page - Texas Instruments TPS65231 Datasheet HTML 6Page - Texas Instruments TPS65231 Datasheet HTML 7Page - Texas Instruments TPS65231 Datasheet HTML 8Page - Texas Instruments TPS65231 Datasheet HTML 9Page - Texas Instruments TPS65231 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS65230, TPS65231
SLVSA10A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009.................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12 V ±5%, VINB2, VINB3 = 5 V ±5%, VINU = 5 V ±5% TJ = 0°C to 150°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVD
Under voltage detect
VOUT falling
75
%
VFB
Feedback voltage
–2%
0.804
2%
V
LDRV
High and low side drive voltage
No load
6
V
HDRV
R_ONLDRV
Low side ON resistance
8
R_OFFLDRV
Low side OFF resistance
1
R_ONHDRV
High side ON resistance
20
R_OFFHDRV
High side OFF resistance
1
d
Duty cycle(2)
20
80
%
AMOD
Modulator gain
12
fSW
Switching frequency
500
kHz
Current source for setting OCP trip
ITRIP
TA = 25°C
10
µA
point
TCTRIP
Temperature coefficient of ITRIP
3700
ppm/°C
RTRIP
Current-limit setting resistor
80
250
kW
COUT
Output capacitance
22(3)
47
µF
L
Nominal Inductance
Recommended
4.7
µH
BUCK2
VOUT
Output voltage range(4)
0.9
3.3
V
PG
Power good threshold
VOUT rising
95
%
UVD
Under voltage detect
VOUT falling
75
%
VFB
Feedback voltage
– 2%
0.804
2%
V
IOUT
Output current
3000
mA
η
Efficiency
IO = 2 A, VOUT = 3.3V
95
%
Low-side MOSFET On resistance
32
RDS(ON)
VIN12V = 12 V
m
High-side MOSFET On resistance
36
ILIMIT
Switch current limit
5
A
Current limit accuracy
–30
30
%
Line regulation - DC
VINB = 4.75 V - 6.1 V,
VLINEREG
1
%
ΔVOUT/ΔVINB
IOUT = 1 A
Load regulation - DC
VLOADREG
IOUT = 10 – 90% IOUT,MAX
0.5
%/A
ΔVOUT/ΔIOUT
Feedback resistor tolerance
VOUTTOL
DC set tolerance
–2
2
%
not included
d
Duty cycle(5)
15
85
%
AMOD
Modulator gain
5
fSW
Switching frequency
1
MHz
COUT
Output capacitance
10(3)
47
µF
ESR
Capacitor ESR
50
mW
L
Nominal inductance
2.2
µH
BUCK3
VOUT
Output voltage range(4)
0.9
3.3
V
PG
Power good threshold
VOUT rising
95
%
UVD
Under voltage detect
VOUT falling
75
%
(2)
Performance outside these limits is not guaranteed.
(3)
Absolute value. User should make allowances for tolerance and variations due to component selection.
(4)
Output voltage range is limited by the minimum and maximum duty cycle. VOUT(min) ~ d(min) x VINPUT and VOUT(max) ~ d(max) x
VINPUT.
(5)
Performance outside these limits is not guaranteed.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65230 TPS65231


Similar Part No. - TPS65231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65231 TI1-TPS65231 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65231A2 TI1-TPS65231A2 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65231A2DCA TI1-TPS65231A2DCA Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65231A2DCAR TI1-TPS65231A2DCAR Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
More results

Similar Description - TPS65231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
ETA SOLUTIONS CO. LIMIT...
ETA9020 ETA-ETA9020 Datasheet
190Kb / 1P
   3-Channel Power Management Units for ADSL Modems & Set-top Boxes
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
ANADIGICS, Inc
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com