Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT3N06 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3N06
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3N06 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3N06 Datasheet HTML 1Page - Unisonic Technologies UT3N06 Datasheet HTML 2Page - Unisonic Technologies UT3N06 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT3N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-366.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(VGS=4.5V, Ta= 25°C) (Note 2)
ID
3.0
A
Pulsed Drain Current (Note 3.4)
IDM
10
A
Power Dissipation (Ta= 25°C)
PD
1.38
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface mounted on 1 in
2 copper pad of FR4 board; 270°C/W when mounted on min. copper pad.
3. Pulse width limited by TJ(MAX)
4. Pulse width ≤300μs, duty cycle≤2%.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note)
θJA
90
°C/W
Note: Surface mounted on 1 in
2 copper pad of FR4 board; 270°C/W when mounted on min. copper pad.
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS VGS =0V, ID =250µA
60
V
Breakdown Voltage Temperature Coefficient
J
DSS
T
Δ
BV
Δ
Reference to 25°C, ID=1mA
0.05
V/°C
Drain-Source Leakage Current
IDSS
VDS =60V,VGS =0V
10
µA
Gate-Source Leakage Current
IGSS
VGS =±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS =VGS, ID =250µA
1.0
3.0
V
VGS =10V, ID =3A
90
mΩ
Drain to Source On-state Resistance
RDS(ON)
VGS =4.5V, ID =2A
120
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
490
780
pF
Output Capacitance
COSS
55
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V,f =1.0MHz
40
pF
SWITCHING PARAMETERS
Turn-ON Delay Time (Note)
tD(ON)
6
ns
Turn-ON Rise Time
tR
5
ns
Turn-OFF Delay Time
tD(OFF)
16
ns
Turn-OFF Fall-Time
tF
VGS=10V, VDS=30V, ID=1A,
RD =30Ω, RG =3.3Ω
3
ns
Total Gate Charge (Note)
QG
6
10
nC
Gate Source Charge
QGS
1.6
nC
Gate Drain Charge
QGD
VGS =4.5V, VDS =48V, ID =3A
3
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note)
VSD
IS =1.2A, VGS =0V
1.2
V
Reverse Recovery Time
tRR
25
ns
Reverse Recovery Charge
QRR
IS=3A,VGS=0V,dI/dt=100A/µs
26
nC
Note: Pulse width ≤300μs, duty cycle≤2%.


Similar Part No. - UT3N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3N06 UTC-UT3N06 Datasheet
163Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AB3-R UTC-UT3N06G-AB3-R Datasheet
241Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AE3-R UTC-UT3N06G-AE3-R Datasheet
163Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AE3-R UTC-UT3N06G-AE3-R Datasheet
241Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
UT3N06G-AE3-R VBSEMI-UT3N06G-AE3-R Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - UT3N06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com