Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT110N03 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT110N03
Description  N-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT110N03 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT110N03 Datasheet HTML 1Page - Unisonic Technologies UT110N03 Datasheet HTML 2Page - Unisonic Technologies UT110N03 Datasheet HTML 3Page - Unisonic Technologies UT110N03 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT110N03
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-367.A
N-CHANNEL ENHANCEMENT
MODE
DESCRIPTION
The UT110N03 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* VDS(V)=26V
* ID=110A
* RDS(ON) =4.8mΩ@VGS=10 V
* RDS(ON) =7.0mΩ@VGS=4.5 V
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT110N03L-TA3-T
UT110N03G-TA3-T
TO-220
G
D
S
Tube


Similar Part No. - UT110N03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT110N03 UTC-UT110N03 Datasheet
148Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
UT110N03G-TA3-T UTC-UT110N03G-TA3-T Datasheet
148Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
UT110N03L-TA3-T UTC-UT110N03L-TA3-T Datasheet
148Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT110N03L-TA3-T VBSEMI-UT110N03L-TA3-T Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT110N03 UTC-UT110N03_10 Datasheet
148Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT110N03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com