Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT4812Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT4812Z
Description  DUAL N-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4812Z Datasheet(HTML) 2 Page - Unisonic Technologies

  UT4812Z Datasheet HTML 1Page - Unisonic Technologies UT4812Z Datasheet HTML 2Page - Unisonic Technologies UT4812Z Datasheet HTML 3Page - Unisonic Technologies UT4812Z Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT4812Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-350.A
PIN CONFIGURATION
Drain 1
8
7
6
5
1
2
3
4
Gate 2
Source 1
Gate 1
Source 2
Drain 1
Drain 2
Drain 2


Similar Part No. - UT4812Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4812Z UTC-UT4812Z Datasheet
153Kb / 4P
   30V, 6.9A DUAL N-CHANNEL ENHANCEMENT MODE
UT4812ZG-S08-R UTC-UT4812ZG-S08-R Datasheet
153Kb / 4P
   30V, 6.9A DUAL N-CHANNEL ENHANCEMENT MODE
UT4812ZG-S08-R UTC-UT4812ZG-S08-R Datasheet
176Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
UT4812ZG-S08-R VBSEMI-UT4812ZG-S08-R Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT4812ZG-S08-T UTC-UT4812ZG-S08-T Datasheet
153Kb / 4P
   30V, 6.9A DUAL N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT4812Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD9926 UTC-UD9926 Datasheet
209Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE
logo
NXP Semiconductors
PHN210T NXP-PHN210T Datasheet
94Kb / 7P
   Dual N-channel enhancement mode
March 1999 Rev 1.000
logo
Unisonic Technologies
UT7317 UTC-UT7317 Datasheet
257Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE
UT4812 UTC-UT4812 Datasheet
257Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE
UT4822 UTC-UT4822 Datasheet
198Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
   DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD606 UTC-UD606 Datasheet
388Kb / 9P
   DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
   DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com