Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2443IPFPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 7Page - Texas Instruments TRF2443IPFPR Datasheet HTML 8Page - Texas Instruments TRF2443IPFPR Datasheet HTML 9Page - Texas Instruments TRF2443IPFPR Datasheet HTML 10Page - Texas Instruments TRF2443IPFPR Datasheet HTML 11Page - Texas Instruments TRF2443IPFPR Datasheet HTML 12Page - Texas Instruments TRF2443IPFPR Datasheet HTML 13Page - Texas Instruments TRF2443IPFPR Datasheet HTML 14Page - Texas Instruments TRF2443IPFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
RF SYNTHESIZER CHARACTERISTICS
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
VCC_3V = 3.3 V ±5%, TJ = 65°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TXVCO
ftxvco
TXVCO frequency range
See (1)
2640
2800
MHz
Divide-by-8 mode
330
350
ftxlo
TXLO frequency range
MHz
Divide-by-16 mode
165
175
fout = 340 MHz; offset = 10 kHz
–92.5
fout = 340 MHz; offset = 100 kHz
–117.5
TXLO free-running phase noise
dBc/Hz
fout = 340 MHz; offset = 1 MHz
–140
fout = 340 MHz; offset = 20 MHz
–150
KvTX
TXVCO gain
45
MHz/V
TXPLL
fPFD
PFD frequency
20
MHz
fout = 340 MHz; offset = 20 kHz
–117
fout = 340 MHz; offset = 100 kHz
–116
TXLO closed-loop phase noise
dBc/Hz
fout = 340 MHz; offset = 1 MHz
–140
fout = 340 MHz; offset = 20 MHz
–150
Integrated TXLO noise
Integrated from 1 kHz to 12 MHz; fout = 340 MHz
(2)
–56.5
dB
Reference spur
Measured at TXLOTEST (2720 MHz)
–70
dBc
From unlocked state to locked state (includes
Lock time
300
µs
digital-calibration time)(3)
fout = 165 MHz; offset = 20 kHz
–121
fout = 165 MHz; offset = 100 kHz
–120
TXLO closed-loop phase noise
dBc/Hz
fout = 165 MHz; offset = 1 MHz
–141
fout = 165 MHz; offset = 20 MHz
–147
Vccmin
PLL-lock minimum power supply
TJ = 65°C
2.8
V
RXVCO
frxvco
RXVCO frequency range
See (1)
2240
2640
MHz
Divide-by-8 mode
280
330
frxlo
RXLO frequency range
MHz
Divide-by-16 mode
140
165
fout = 140 MHz; offset = 10 kHz
–97.5
fout = 140 MHz; offset = 100 kHz
–122.5
RXLO free-running phase noise
dBc/Hz
fout = 140 MHz; offset = 1 MHz
–146
fout = 140 MHz; offset = 20 MHz
–150
KvRX
RXVCO gain
45
MHz/V
RXPLL
fPFD
PFD frequency
20
MHz
Integrated from 1 kHz to 12 MHz; fout = 140 MHz
(2)
–62
Integrated RXLO noise
dB
Integrated from 1 kHz to 12 MHz; fout = 160 MHz
(2)
–60
fout = 140 MHz; offset = 20 kHz
–122
fout = 140 MHz; offset = 100 kHz
–121
RXLO closed-loop phase noise
dBc/Hz
fout = 140 MHz; offset = 1 MHz
–146
fout = 140 MHz; offset = 20 MHz
–150
Reference spur
Measured at RXLOTEST (2240 MHz)
–65
dBc
From unlock state to lock state (includes
Lock time
300
µs
digital-calibration time)(3)
(1)
Frequency range proven locked with PFD frequency = 20 MHz
(2)
Optimized for lowest integrated noise; see the Reference-Clock Characteristics table for recommended reference clock performance.
(3)
Charge-pump current = 1 mA, PFD frequency = 20 MHz, loop filter optimized (see Application Schematic section)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TRF2443


Similar Part No. - TRF2443IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2443_15 TI-TRF2443_15_15 Datasheet
1Mb / 85P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
More results

Similar Description - TRF2443IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2443_15 TI-TRF2443_15_15 Datasheet
1Mb / 85P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
logo
Analog Devices
AD9861 AD-AD9861_17 Datasheet
977Kb / 52P
   Transceiver for Broadband Applications
AD9863 AD-AD9863_17 Datasheet
978Kb / 41P
   Transceiver for Broadband Applications
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Analog Devices
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com