Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS386020 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS386020
Description  Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS386020 Datasheet(HTML) 1 Page - Texas Instruments

  TPS386020 Datasheet HTML 1Page - Texas Instruments TPS386020 Datasheet HTML 2Page - Texas Instruments TPS386020 Datasheet HTML 3Page - Texas Instruments TPS386020 Datasheet HTML 4Page - Texas Instruments TPS386020 Datasheet HTML 5Page - Texas Instruments TPS386020 Datasheet HTML 6Page - Texas Instruments TPS386020 Datasheet HTML 7Page - Texas Instruments TPS386020 Datasheet HTML 8Page - Texas Instruments TPS386020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS386000
DSP
CPU
FPGA
DC-DC
LDO
SubCPU
MSP430
AMP
DC-DC
LDO
DC-DC
LDO
Pos
and
Neg
DC-DC
VCC41
VCC42
VIN
VCC3
VCC41(positive)&VCC42(neagtive)
VCC2
VCC1
Sequence:VIN
EN3
EN4
VCC2
VCC3
EN2
VCC1
WDO
SENSE1
CT1
CT1
CT2
CT2
CT3
CT4
CT3
CT4
GND
WDI
VCC
VCC1
VCC2
VCC3
VCC-
VCC+
CLK
SENSE2
SENSE3
SENSE4L
SENSE4H
RS41L
RS42H
RS42L
RS41H
RS3L
RS2L
RS1L
RS3H
RS2H
RS1H
RP3
RP4
RP2 RP1
VREF
RESET1
RESET
MR
RESET2
RESET3
RESET4
RP5
TPS386000, TPS386020
TPS386040, TPS386060
www.ti.com
......................................................................................................................................................................................... SBVS105 –SEPTEMBER 2009
Quad Supply Voltage Supervisors
with Programmable Delay and Watchdog Timer
Check for Samples: TPS386000 TPS386020 TPS386040 TPS386060
1
FEATURES
DESCRIPTION
2
4 Complete SVS Modules on 1 Silicon Platform
The TPS3860x0 family of voltage supervisors can
monitor four power rails that are greater than 0.4V
Programmable Delay Time: 1.4ms to 10s
with a 0.25% (typical) threshold accuracy. Each of the
Very Low Quiescent Current: 12
μA typ
four supervisory circuits (SVS-n) assert a RESETn or
Threshold Accuracy: 0.25% typ
RESETn output signal when the SENSEm input
Adjustable Threshold Down to 0.4V
voltage drops below the programmed threshold. With
external resistors, the threshold of each SVS-n can
SVS-1: Manual Reset (MR) Input
be programmed (where n = 1, 2, 3, 4 and m = 1, 2, 3,
SVS-4: Window Comparator or Low-Voltage
4L, 4H).
Sensing with VREF (1.2V) Pin
Each SVS-n has a programmable delay before
Watchdog Timer with Dedicated Output
releasing RESETn or RESETn, and the delay time
Well-Controlled RESETn Output During
can be set from 1.4ms to 10s through the CTn pin
Power-Up
connection. Only SVS-1 has an active-low manual
reset (MR) input; a logic-low input to MR asserts
TPS386000: Open-Drain RESETn and WDO
RESET1 or RESET1.
TPS386020: Open-Drain RESETn and WDO
SVS-4 monitors the threshold window using two
TPS386040: Push-Pull RESETn and WDO
comparators.
The
extra
comparator
can
be
TPS386060: Push-Pull RESETn and WDO
configured as a fifth SVS to monitor negative voltage
Package: 4mm x 4mm, 20-pin QFN
with voltage reference output VREF.
The TPS3860x0 has a very low quiescent current of
APPLICATIONS
12μA (typical) and is available in a small, 4mm x
Analog Sequencing
4mm, QFN-20 package.
All DSP and Microcontroller Applications
All FPGA/ASIC Applications
Figure 1. TPS386000 Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS386020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
More results

Similar Description - TPS386020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com