Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6119N8A7R-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6119N8A7R-G
Description  Voltage Detector with Delay Time Adjustable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6119N8A7R-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6119N8A7R-G Datasheet HTML 1Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 2Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 3Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 4Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 5Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 6Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 7Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 8Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
XC6119 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Operating Voltage
VIN
VDF(T)=0.8~5.0V
(*1)
0.7
6.0
V
-
Detect Voltage
VDF
VDF(T)=0.8~5.0V
E-1
V
Hysteresis Width
VHYS
VIN=1.0~6.0V
VDF
×0.02
VDF
×0.05
VDF
×0.08
V
Supply Current 1
ISS1
VIN=VDF×0.9
VDF(T)=0.8~1.9V
VDF(T)=2.0~3.9V
VDF(T)=4.0~5.0V
0.5
0.6
0.7
1.2
1.3
1.4
μA
Supply Current 2
ISS2
VIN=VDF×1.1
VDF(T)=0.8~1.9V
VDF(T)=2.0~3.9V
VDF(T)=4.0~5.0V
0.9
1.1
1.2
1.8
2.0
2.2
μA
VIN=0.7V
VDS=0.5V(Nch)
0.01
0.36
VIN=1.0V(※2)
VDS=0.5V(Nch)
0.1
0.7
VIN=2.0V(※3)
VDS=0.5V(Nch)
0.8
1.6
VIN=3.0V(※4)
VDS=0.5V(Nch)
1.2
2.0
IOUT1
VIN=4.0V(※5)
VDS=0.5V(Nch)
1.6
2.3
mA
Output Current
IOUT2
(*6)
VIN=VDF×1.1
VDS=0.5V(Pch)
E-2
mA
CMOS
output
0.20
Leak
Current
N-ch Open
Drain Output
ILEAK
VIN=6.0V, VOUT=6.0V,
Cd: Open
0.20
0.40
μA
Temperature
Characteristics
ΔVDF/
(ΔTa・
VDF)
-40
oC≦T
a≦85
oC
±100
ppm/
o
C
Delay Resistance
(*7)
RDELAY
VIN=6.0V, Cd=0V
1.6
2.0
2.4
Delay Pin Sink Current
ICD
Cd=0.5V, VIN=0.7V
8
60
μA
VIN=1.0V
0.4
0.5
0.6
Delay Capacitance Pin
Threshold Voltage
VTCD
VIN=6.0V
2.9
3.0
3.1
V
Unspecified Operating
Voltage
(*8)
VUNS
VIN=0~0.7V
0.3
0.4
V
Detect Delay Time
(*9)
tDF0
VIN=6.0→0.7V
Cd: Open
30
230
μs
Detect Delay Time
(*9)
tDR0
VIN=0.7V→6.0V
Cd: Open
30
200
μs
■ELECTRICAL CHARACTERISTICS
Ta=25℃
NOTE:
*1: VDF(T): Setting Detect Voltage
*2: VDF(T)>1.0V
*3: VDF(T)>2.0V
*4: VDF(T)>3.0V
*5: VDF(T)>4.0V
*6: This numerical value is applied only to the XC6119C series (CMOS output).
*7: Calculated from the voltage value and the current value of both ends of the resistor.
*8: The maximum voltage of the VOUT in the range of the VIN 0 to 0.7V.
This numerical value is applied only to the XC6119C series
(CMOS output).
*9: Time which ranges from the state of VIN =VDF to the VOUT reaching 0.6V when the VIN falls without connecting to the Cd pin.
*10: Time which ranges from the state of VIN= VDF +VHYS to the VOUT reaching 5.4V when the VIN rises without connecting to the Cd pin.


Similar Part No. - XC6119N8A7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6111 TOREX-XC6111 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A016 TOREX-XC6111A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A017 TOREX-XC6111A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A018 TOREX-XC6111A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A019 TOREX-XC6111A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC6119N8A7R-G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com