Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM520AC01DR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCM520AC01DR-G
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520AC01DR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCM520AC01DR-G Datasheet HTML 5Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 6Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 7Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 8Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 9Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 10Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 11Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 12Page - Torex Semiconductor XCM520AC01DR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9/43
XCM520
Series
●PFM Switching Current (IPFM) by Oscillation Frequency and Output Voltage
1.2MHz
(mA)
SETTING VOLTAGE
MIN.
TYP.
MAX.
VOUT3(E) ≦ 1.2V
140
180
240
1.2V < VOUT3(E) ≦1.75V
130
170
220
1.8V ≦ VOUT3(E)
120
160
200
3.0MHz
(mA)
SETTING VOLTAGE
MIN.
TYP.
MAX.
VOUT3(E) ≦ 1.2V
190
260
350
1.2V < VOUT3(E) ≦1.75V
180
240
300
1.8V ≦ VOUT3(E)
170
220
270
●Measuring PFM Duty Limit, VIN2 Voltage
fOSC
1.2MHz
3.0MHz
(C-1)
VOUT3(E)+0.5V
VOUT3(E)+1.0V
Minimum operating voltage is 2.7V
ex.) Although when VOUT3(E) = 1.2V, fOSC= 1.2MHz, (C-1) = 1.7V the (C-1) becomes 2.7V because of the minimum operating voltage 2.7V.
●Soft-Start Time Chart (XCM520AE/XCM520AF/XCM520AG/XCM520AH Series Only)
PRODUCT SERIES
fOSC
OUTPUT VOLTAGE
MIN.
TYP.
MAX.
UNITS
1200kHz
0.8≦VOUT3(E)<1.5
-
0.25
0.4
1200kHz
1.5≦VOUT3(E)<1.8
-
0.32
0.5
1200kHz
1.8≦VOUT3(E)<2.5
-
0.25
0.4
XCM520AF
1200kHz
2.5≦VOUT3(E)<4.0
-
0.32
0.5
1200kHz
0.8≦VOUT3(E)<2.5
-
0.25
0.4
XCM520AH
1200kHz
2.5≦VOUT3(E)<4.0
-
0.32
0.5
3000kHz
0.8≦VOUT3(E)<1.8
-
0.25
0.4
XCM520AE/AG
3000kHz
1.8≦VOUT3(E)<4.0
-
0.32
0.5
ms
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XCM520AC01DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA01DR-G TOREX-XCM524AA01DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA02DR-G TOREX-XCM524AA02DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA03DR-G TOREX-XCM524AA03DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA04DR-G TOREX-XCM524AA04DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
More results

Similar Description - XCM520AC01DR-G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
logo
Linear Technology
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com