Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6119N50A7R-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6119N50A7R-G
Description  Voltage Detector with Delay Time Adjustable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6119N50A7R-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6119N50A7R-G Datasheet HTML 3Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 4Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 5Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 6Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 7Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 8Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 9Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 10Page - Torex Semiconductor XC6119N50A7R-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
XC6119
Series
A typical circuit example is shown in Figure 1, and the timing chart of Figure 1 is shown in Figure 2 on the next page.
① As an early state, the input voltage pin is applied sufficiently high voltage to the release voltage and the delay capacitance
(Cd) is charged to the input pin voltage.
While the input pin voltage (VIN) starts dropping to reach the detect voltage (VDF)
(VIN > VDF), the output voltage (VOUT) keeps the “High” level (=VIN).
② When the input pin voltage keeps dropping and becomes equal to the detect voltage (VIN = VDF), an N-ch transistor for the
delay capacitance discharge is turned ON, and starts to discharge the delay capacitance.
For the internal circuit, which
uses the delay capacitance pin as power input, the reference voltage operates as a comparator of VIN, and the output
voltage changes into the “Low” level (≦VIN×0.1).
The detect delay time (tDF) is defined as time which ranges from VIN =VDF
to the VOUT of “Low” level (especially, when the Cd pin is not connected: tDF0).
③ While the input pin voltage keeps below the detect voltage, and 0.7V or more, the delay capacitance is discharged to the
ground voltage (=VSS) level.
Then, the output voltage (VOUT) maintains the “Low” level.
④ While the input pin voltage drops to 0.7V or less and it increases again to 0.7V or more, the output voltage may not be able to
maintain the “Low” level.
Such an operation is called “Unspecified Operation”, and voltage which occurs at the output pin
voltage is defined as unstable operating voltage (VUNS).
■OPERATIONAL EXPLANATION
Figure 1: Typical application circuit example
Figure 2: The timing chart of Figure 1
The circuit which uses the delay
Capacitance pin as power input.
N-ch transictor for the delay
Capacitance discharge.
Delay Capacitor
Input Voltage: VIN
Delay Capacitance Pin Voltage: VCD
Release Voltage: VDF+VHYS
Delay Capacitance Pin Threshold Voltage: VTCD
Detect Voltage: VDF
Output Pin Voltage: VOUT
Minimum Operationg Voltage (0.7V)


Similar Part No. - XC6119N50A7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6111 TOREX-XC6111 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A016 TOREX-XC6111A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A017 TOREX-XC6111A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A018 TOREX-XC6111A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A019 TOREX-XC6111A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC6119N50A7R-G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com