Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6119N8ANR-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6119N8ANR-G
Description  Voltage Detector with Delay Time Adjustable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6119N8ANR-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6119N8ANR-G Datasheet HTML 6Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 7Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 8Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 9Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 10Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 11Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 12Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 13Page - Torex Semiconductor XC6119N8ANR-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
XC6119 Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(1) Supply Current vs. Input Voltage
(2) Detect Voltage vs. Ambient Temperature
(3) Hysteresis Voltage vs. Ambient Temperature
(4) Output Voltage vs. Input Voltage
XC6119x25Ax
0.0
0.5
1.0
1.5
2.0
01
234
5
6
Input Voltage: VIN (V)
25
-40
Ta=85
XC6119x25Ax
2.45
2.50
2.55
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
XC6119x25Ax
0.05
0.10
0.15
0.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
XC6119C25Ax
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN (V)
No Pull-up
Ta=85℃
25℃
-40℃
XC6119N25Ax
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN (V)
Pull-up=VIN R=100kΩ
25
-40
Ta=85


Similar Part No. - XC6119N8ANR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6111 TOREX-XC6111 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A016 TOREX-XC6111A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A017 TOREX-XC6111A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A018 TOREX-XC6111A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A019 TOREX-XC6111A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC6119N8ANR-G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com