Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGD623N Datasheet(PDF) 4 Page - Sanken electric

Part # MGD623N
Description  IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MGD623N Datasheet(HTML) 4 Page - Sanken electric

  MGD623N Datasheet HTML 1Page - Sanken electric MGD623N Datasheet HTML 2Page - Sanken electric MGD623N Datasheet HTML 3Page - Sanken electric MGD623N Datasheet HTML 4Page - Sanken electric MGD623N Datasheet HTML 5Page - Sanken electric MGD623N Datasheet HTML 6Page - Sanken electric MGD623N Datasheet HTML 7Page - Sanken electric MGD623N Datasheet HTML 8Page - Sanken electric MGD623N Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IGBT
MGD623N
July, 2009
Sanken Electric Co.,Ltd.
T04-002EA-090721
http://www.sanken-ele.co.jp/en/
Characteristic Curves
Capacitanc e - VCE (typical)
1
10
100
1000
10000
0
1020
304050
VCE (V)
Tc=25℃
f=1MHz
VGE=0V
Cies
Coes
Cres
VCE,VGE - Qg (typical)
0
10
20
30
40
0
2040
6080
Qg (nC)
VCE
VGE
Tc=25℃
RL=6Ω
SW Time - IC (typical)
10
100
1000
110
100
IC (A)
Tc = 25℃
td(off)
tf
tr
td(on)
Inductive Load
VCE=300V VG=15V
Rg=39Ω
SW Time - IC (typical)
10
100
1000
110
100
IC (A)
Tc = 125℃
td(off)
tf
tr
td(on)
Inductive Load
VCE=300V VG=15V
Rg=39Ω
SW Time - RG (typical)
10
100
1000
110
100
RG (Ω)
Tc = 25℃
td(on)
tr
td(off)
tf
Inductive Load
IC=50A VCE=300V
VG=15V
SW Time - RG (typical)
10
100
1000
110
100
RG (Ω)
Tc =125℃
td(on)
tr
td(off)
tf
Inductive Load
IC=50A VCE=300V
VG=15V


Similar Part No. - MGD623N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MGD623N SANKEN-MGD623N Datasheet
233Kb / 10P
   IGBT
MGD623N SANKEN-MGD623N Datasheet
175Kb / 4P
   Selection Guide
More results

Similar Description - MGD623N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com