Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM520AC02DR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCM520AC02DR-G
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520AC02DR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XCM520AC02DR-G Datasheet HTML 1Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 2Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 3Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 4Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 5Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 6Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 7Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 8Page - Torex Semiconductor XCM520AC02DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2/43
XCM520 Series
PIN No
XCM520
XC6401
XC9235/XC9236
1
VOUT2
VOUT2
2
EN2
EN2
3
VIN1
VIN
4
VIN2
VIN
5
PGND
PGND
6
Lx
Lx
7
VOUT3
VOUT
8
AGND
AGND
9
EN3
CE
10
EN1
EN1
11
VSS
VSS
12
VOUT1
VOUT1
PIN No
XCM520
FUNCTIONS
1
VOUT2
Voltage Regulator Output2
2
EN2
Voltage Regulator ON/OFF Control 2
3
VIN1
Voltage Regulator Power Input
4
VIN2
DC/DC Power Input
5
PGND
DC/DC Power Ground
6
Lx
DC/DC Inductor Pin
7
VOUT3
DC/DC Output Voltage
8
AGND
DC/DC Analog Ground
9
EN3
DC/DC ON/OFF Control
10
EN1
Voltage Regulator ON/OFF Control 1
11
VSS
Voltage Regulator Ground
12
VOUT1
Voltage Regulator Output Voltage 1
■PIN CONFIGURATIOIN
NOTE:
* The two heat-sink pads on the back side are electrically isolated in the package.
*1: The pad of the regulator should be VSS level.
*2: The pad of the DC/DC should be VSS level.
* The DC/DC ground pin (No. 5 and 8) should be connected for use.
* The two pads are recommended to open on the board, but care must be taken for
voltage level of each heat-sink pad when they are electrically connected.
1
2
3
4
9
10
11
12
5
6
8
7
*1
*2
VOUT2
EN2
VIN1
VIN2
VSSD
Lx
VOUT1
VSS
EN1
EN3/MODE
VSSA
VOUT3
(TOP VIEW)
■PIN ASSIGNMENT
(TOP VIEW)
1
2
3
4
5
6
12
11
10
9
8
7
VOUT2
EN2
VIN1
VIN2
VOUT1
VSS
EN1
EN3
AGND
VOUT3
VOUT1
VSS
EN1
EN/MODE
VIN
VIN
EN2
VOUT2
XC6401
XC9235/9236
VOUT3
Lx
AGND
PGND
PGND
Lx


Similar Part No. - XCM520AC02DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA01DR-G TOREX-XCM524AA01DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA02DR-G TOREX-XCM524AA02DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA03DR-G TOREX-XCM524AA03DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA04DR-G TOREX-XCM524AA04DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
More results

Similar Description - XCM520AC02DR-G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
logo
Linear Technology
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com