Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM520AH03DR-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCM520AH03DR-G
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520AH03DR-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XCM520AH03DR-G Datasheet HTML 1Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 2Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 3Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 4Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 5Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 6Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 7Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 8Page - Torex Semiconductor XCM520AH03DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3/43
XCM520
Series
●Ordering Information
XCM520①②③④⑤⑥-⑦
(*1)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①②
Options
See the chart below
③④
Output Voltage combination
See the chart below
⑤⑥-⑦
Packages
Taping Type
(*2)
DR-G
USP-12B01
●DESIGNATOR①②(Combination of XC6401 series and XC9235/XC9236 series)
①②
COMBINATION OF EACH IC
DESCRIPTION
AA
XC6401FF**+XC9235A**D
Fixed PWM, fOSC=3.0MHz
AB
XC6401FF**+XC9235A**C
Fixed PWM, fOSC=1.2MHz
AC
XC6401FF**+XC9236A**D
Auto PWM/PFM, fOSC=3.0MHz
AD
XC6401FF**+XC9236A**C
Auto PWM/PFM, fOSC=1.2MHz
AE
XC6401FF**+XC9235B**D
Fixed PWM, fOSC=3.0MHz, VOUT3 CL Discharge
AF
XC6401FF**+XC9235B**C
Fixed PWM, fOSC=1.2MHz, VOUT3 CL Discharge
AG
XC6401FF**+XC9236B**D
Auto PWM/PFM, fOSC=3.0MHz, VOUT3 CL Discharge
AH
XC6401FF**+XC9236B**C
Auto PWM/PFM, fOSC=1.2MHz, VOUT3 CL Discharge
●DESIGNATOR③④(Output Voltage)
③④
VOUT1(VR_1ch)
VOUT2(VR_2ch)
VOUT3(DC/DC)
01
1.8
1.2
2.3
02
1.8
1.3
2.3
03
1.8
1.2
2.2
04
1.8
1.2
2.8
05
1.0
1.2
1.8
06
0.8
1.5
1.8
■PRODUCT CLASSIFICATION
(*1) The XCM520 series is Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket.
*This series are semi-custom products. For other combinations of output voltages please consult with your Torex sales contact.


Similar Part No. - XCM520AH03DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA01DR-G TOREX-XCM524AA01DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA02DR-G TOREX-XCM524AA02DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA03DR-G TOREX-XCM524AA03DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA04DR-G TOREX-XCM524AA04DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
More results

Similar Description - XCM520AH03DR-G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
logo
Linear Technology
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com