Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3831.600000 Datasheet(PDF) 1 Page - Littelfuse

Part # 3831.600000
Description  Radial Lead Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3831.600000 Datasheet(HTML) 1 Page - Littelfuse

  3831.600000 Datasheet HTML 1Page - Littelfuse 3831.600000 Datasheet HTML 2Page - Littelfuse 3831.600000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: May 6, 2009
159
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
383 Series
TR5® > Time-Lag > 383 Series
Please refer to www.littelfuse.com/series/383.html for current information.
Features
Description
Lead-free
TR5
®
Applications
Electrical Characteristics for Series
% of Ampere
Rating
Opening Time
(8A-10A)
%
%
%
%
1 Hour, Minimum
120 sec., Maximum
400 ms., Min.; 10 sec., Max.
150 ms., Min.; 3 sec., Max.
20 ms., Min.; 150 ms., Max.
Electrical Characteristics for Series
% of Ampere
Rating
Opening Time
(1A-6.3A)
150%
210%
275%
400%
1000%
Agency Approvals
Agency
Agency File Number
Ampere Range
5007679-1170-0038/92585
JET1896-31007-2001
JET1896-31007-1003
4A - 5A
1A - 5A
6.3A - 10A
E67006
1A - 10A
Electrical Characteristics Specifications by Item
Power
Dissipation
1.5 x 1N
max. (mW)
Melting
Integral
10 x 1N
min. (A2s)
Agency Approvals
Voltage
Drop
1.0 x 1N
max. (mV)
Amp
Code
Amp
Rating
(A)
Breaking Capacity
50-60Hz/cos =1
Max
Voltage
Rating
(V)
1100
1125
1160
1200
1250
1315
1400
1500
1630
1800
2100
1.00
1.25
1.60
2.00
2.50
3.15
4.00
5.00
6.30
8.00
10.00
300
300
300
300
300
300
300
300
300
300
300
100
95
90
85
80
75
70
65
65
63
57
400
465
490
670
750
900
1200
1250
1400
1600
1600
3.0
4.5
9.0
12
22
32
58
90
105
180
260
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
100A@300VAC
50A@300VAC
50A@300VAC
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
383 Series, TR5®,Time-Lag Fuse


Similar Part No. - 3831.600000

ManufacturerPart #DatasheetDescription
logo
Heyco.
3831 HEYCO-3831 Datasheet
282Kb / 1P
   Heyco® TPE Liquid Tight Hole Plugs
logo
Belden Inc.
38310 BELDEN-38310 Datasheet
151Kb / 2P
   UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38310-0105000 BELDEN-38310-0105000 Datasheet
151Kb / 2P
   UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38312 BELDEN-38312 Datasheet
151Kb / 2P
   UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38312-0105000 BELDEN-38312-0105000 Datasheet
151Kb / 2P
   UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
More results

Similar Description - 3831.600000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
   Radial Lead Fuses
400 LITTELFUSE-400 Datasheet
999Kb / 3P
   Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
   Radial Lead Fuses
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
   Radial Lead Fuses
39208000000 LITTELFUSE-39208000000 Datasheet
204Kb / 3P
   Radial Lead Fuses
39516300440 LITTELFUSE-39516300440 Datasheet
205Kb / 4P
   Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
   Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com