Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM1002MA Datasheet(PDF) 8 Page - Sanken electric

Part # SSM1002MA
Description  High Voltage 3-Phase Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSM1002MA Datasheet(HTML) 8 Page - Sanken electric

Back Button SSM1002MA Datasheet HTML 4Page - Sanken electric SSM1002MA Datasheet HTML 5Page - Sanken electric SSM1002MA Datasheet HTML 6Page - Sanken electric SSM1002MA Datasheet HTML 7Page - Sanken electric SSM1002MA Datasheet HTML 8Page - Sanken electric SSM1002MA Datasheet HTML 9Page - Sanken electric SSM1002MA Datasheet HTML 10Page - Sanken electric SSM1002MA Datasheet HTML 11Page - Sanken electric SSM1002MA Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
High Voltage 3-Phase Motor Driver
SSM1002MA
8
PACKING SPECIFICATION
522
55
X
21
Tube material: PVC
Maximum 8 pieces per tube
(pins aligned along X direction)
Rubber plug each end
Maximum 4 tubes in Y direction
Maximum 4 tubes in Z direction
Maximum pieces per carton:
8 pieces per tube
4 rows of tubes
x 4 layers of tubes
128 pieces per carton
Carton weight, with maximum
contents: 7.1 kg
Dimensions in millimeters
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SSM1002MA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSM1001MA SANKEN-SSM1001MA Datasheet
465Kb / 12P
   High Voltage 3-Phase Motor Driver
SSM1003MA SANKEN-SSM1003MA Datasheet
465Kb / 12P
   High Voltage 3-Phase Motor Driver
SSM1004MA SANKEN-SSM1004MA Datasheet
470Kb / 12P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SSM1002MA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com