Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3836.300440 Datasheet(PDF) 2 Page - Littelfuse

Part # 3836.300440
Description  Radial Lead Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3836.300440 Datasheet(HTML) 2 Page - Littelfuse

  3836.300440 Datasheet HTML 1Page - Littelfuse 3836.300440 Datasheet HTML 2Page - Littelfuse 3836.300440 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revised: May 6, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
160
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
383 Series
TR5® > Time-Lag > 383 Series
Please refer to www.littelfuse.com/series/383.html for current information.
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
AMBIENT TEMPERATURE
23°C
140
120
100
80
60
40
20
0
0.001
0.01
0.1
1
10
100
1000
10000
100000
CURRENT IN AMPERES
0.1
1
10
100
1000
Average Time Current Curves
Temperature Rerating Curve
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:


Similar Part No. - 3836.300440

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
383 INTEL-383 Datasheet
879Kb / 68P
   Celeron M Processor on 90 nm Process
logo
Precid-Dip Durtal SA
383-10-116-00-001 PREDIP-383-10-116-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Everlight Electronics C...
383-2DRC/S530-A5 EVERLIGHT-383-2DRC/S530-A5 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2SDRD EVERLIGHT-383-2SDRD Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SDRD/S530-A3 EVERLIGHT-383-2SDRD/S530-A3 Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
More results

Similar Description - 3836.300440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
   Radial Lead Fuses
400 LITTELFUSE-400 Datasheet
999Kb / 3P
   Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
   Radial Lead Fuses
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
   Radial Lead Fuses
39208000000 LITTELFUSE-39208000000 Datasheet
204Kb / 3P
   Radial Lead Fuses
39516300440 LITTELFUSE-39516300440 Datasheet
205Kb / 4P
   Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
   Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com