Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0458010.DR Datasheet(PDF) 4 Page - Littelfuse

Part # 0458010.DR
Description  Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0458010.DR Datasheet(HTML) 4 Page - Littelfuse

  0458010.DR Datasheet HTML 1Page - Littelfuse 0458010.DR Datasheet HTML 2Page - Littelfuse 0458010.DR Datasheet HTML 3Page - Littelfuse 0458010.DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Revised: March 17, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
72
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.


Similar Part No. - 0458010.DR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458020011 MOLEX6-0458020011 Datasheet
521Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 143 Circuits, 8.00mm (.315") Unmated Height, 11 Rows, Tin-Lead
0458020015 MOLEX6-0458020015 Datasheet
521Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz??Receptacle, 195 Circuits, 8.00mm (.315") Unmated Height, 15 Rows, Tin-Lead
0458020123 MOLEX6-0458020123 Datasheet
521Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 299 Circuits, 8.00mm (.315") Unmated Height
0458020215 MOLEX6-0458020215 Datasheet
514Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 195 Circuits, 8.00mm (.315") Unmated Height
0458020215 MOLEX1-0458020215_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 195 Circuits, 8.00mm Unmated Height, 15 Rows, Lead-Free
More results

Similar Description - 0458010.DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com