Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

047712MXEP Datasheet(PDF) 2 Page - Littelfuse

Part # 047712MXEP
Description  Axial Lead & Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

047712MXEP Datasheet(HTML) 2 Page - Littelfuse

  047712MXEP Datasheet HTML 1Page - Littelfuse 047712MXEP Datasheet HTML 2Page - Littelfuse 047712MXEP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
310
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
477 Series
5×20 mm > Time-Lag > 477 Series
Please refer to www.littelfuse.com/series/477.html for current information.


Similar Part No. - 047712MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0477.500MXEP LITTELFUSE-0477.500MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477.500MXP LITTELFUSE-0477.500MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477.800MXEP LITTELFUSE-0477.800MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477.800MXP LITTELFUSE-0477.800MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477001.MXEP LITTELFUSE-0477001.MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
More results

Similar Description - 047712MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com