Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

087401.5MXEP Datasheet(PDF) 1 Page - Littelfuse

Part # 087401.5MXEP
Description  Axial Lead & Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

087401.5MXEP Datasheet(HTML) 1 Page - Littelfuse

  087401.5MXEP Datasheet HTML 1Page - Littelfuse 087401.5MXEP Datasheet HTML 2Page - Littelfuse 087401.5MXEP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: February 3, 2009
231
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
3.6 X 10 mm > Fast-Acting > 874 Series
874 Series
Please refer to www.littelfuse.com/series/874.html for current information.
874 Series Fuse, Lead-free 3.6 x 10 mm, Fast–Acting Fuse
Agency Approvals
Features
Applications
Agency
Agency File Number
Ampere Range
E10480
0.100A - 10 A
Electrical Characteristics
% of Ampere
Rating
OpeningTime
100%
4 hours, Minimum
200%
5 seconds, Maximum
body fuse in a
Amp Code
Ampere Rating
(A)
Voltage Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal Melting
I2t (A2 sec)
Agency Approvals
.100
0.100
250
3.000
0.0054
x
.125
0.125
250
2.0600
0.0072
x
.200
0.200
250
0.9200
0.0165
x
.250
0.250
250
0.6920
0.030
x
.300
0.300
250
0.5800
0.039
x
.400
0.400
250
0.3655
0.120
x
.500
0.500
250
0.2964
0.236
x
.600
0.600
250
0.2667
0.245
x
.750
0.750
250
0.2130
0.256
x
.800
0.800
250
0.1600
0.390
x
001.
1.00
250
0.0860
0.406
x
01.5
1.50
250
0.0563
0.974
x
01.6
1.60
250
0.0525
0.973
x
002.
2.00
250
0.0400
1.812
x
02.5
2.50
250
0.0329
2.675
x
3.15
3.15
250
0.0216
5.904
x
004.
4.00
250
0.0195
10.03
x
04.5
4.50
250
0.0146
14.42
x
005.
5.00
250
0.0139
14.58
x
006.
6.00
250
0.0111
23.08
x
06.3
6.30
250
0.01074
22.90
x
06.5
6.50
250
0.0100
35.24
x
007.
7.00
250
0.0099
36.90
x
008.
8.00
250
0.0087
43.97
x
010.
10.00
250
0.0066
70.10
x
Electrical Characteristics
Description


Similar Part No. - 087401.5MXEP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
08740-2081 KEYSIGHT-08740-2081 Datasheet
845Kb / 6P
   8761A/B Microwave Switches
July 5, 2017
logo
Dialog Semiconductor
0874002.MXEP DIALOG-0874002.MXEP Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
More results

Similar Description - 087401.5MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com