Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16R250G Datasheet(PDF) 1 Page - Littelfuse

Part # 16R250G
Description  POLYFUSE Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R250G Datasheet(HTML) 1 Page - Littelfuse

  16R250G Datasheet HTML 1Page - Littelfuse 16R250G Datasheet HTML 2Page - Littelfuse 16R250G Datasheet HTML 3Page - Littelfuse 16R250G Datasheet HTML 4Page - Littelfuse 16R250G Datasheet HTML 5Page - Littelfuse 16R250G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
117
©2009 Littelfuse, Inc.
Revised: April 3, 2009
POLYFUSE® Resettable PTCs
©2009 Littelfuse, Inc.
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
16R Series
The 16R Series Radial Leaded device is designed to
provide different products in the general applications with
maximum 16 volts and a maximum 100-ampere short
circuit rating.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
typ.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
16R250G
2.5
4.7
16
100
1.0
12.5
5.0
0.0220
0.0530
XX
16R300G
3.0
5.1
16
100
2.3
15.0
1.0
0.0380
0.0975
XX
16R400G
4.0
6.8
16
100
2.4
20.0
1.7
0.0210
0.0600
XX
16R500G
5.0
8.5
16
100
2.6
25.0
2.0
0.0150
0.0340
XX
16R600G
6.0
10.2
16
100
2.8
30.0
3.3
0.0100
0.0280
XX
16R700G
7.0
11.9
16
100
3.0
35.0
3.5
0.0077
0.0200
XX
16R800G
8.0
13.6
16
100
3.0
40.0
5.0
0.0056
0.0175
XX
16R900G
9.0
15.3
16
100
3.3
45.0
5.5
0.0047
0.0135
XX
16R1000G
10.0
17.0
16
100
3.6
50.0
6.0
0.0040
0.0102
XX
16R1100G
11.0
18.7
16
100
3.7
55.0
7.0
0.0037
0.0089
XX
16R1200G
12.0
20.4
16
100
4.2
60.0
7.5
0.0033
0.0086
XX
16R1400G
14.0
23.8
16
100
4.6
70.0
9.0
0.0026
0.0064
XX
Description
Features
Applications
requirements
I
hold = Hold current: maximum current device will pass without tripping in 23°C still air.
I
trip = Trip current: minimum current at which the device will trip in 23°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (Imax)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 23°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 23°C measured one hour after tripping.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119318


Similar Part No. - 16R250G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R250G LITTELFUSE-16R250G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R250G LITTELFUSE-16R250G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R250G LITTELFUSE-16R250G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R250GPR LITTELFUSE-16R250GPR Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R250GU LITTELFUSE-16R250GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 16R250G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com