Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72R025X Datasheet(PDF) 2 Page - Littelfuse

Part # 72R025X
Description  POLYFUSE Resettable PTCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

72R025X Datasheet(HTML) 2 Page - Littelfuse

  72R025X Datasheet HTML 1Page - Littelfuse 72R025X Datasheet HTML 2Page - Littelfuse 72R025X Datasheet HTML 3Page - Littelfuse 72R025X Datasheet HTML 4Page - Littelfuse 72R025X Datasheet HTML 5Page - Littelfuse 72R025X Datasheet HTML 6Page - Littelfuse 72R025X Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
140
Revised: April 3, 2009
©2009 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
72R Series
Radial Leaded > 72R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/72R.html for current information.
Ambient OperationTemperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
72R020X
0.31
0.27
0.24
0.20
0.16
0.14
0.13
0.11
0.08
72R025X
0.39
0.34
0.30
0.25
0.20
0.18
0.16
0.14
0.10
72R030X
0.47
0.41
0.36
0.30
0.24
0.22
0.19
0.16
0.12
72R040X
0.62
0.54
0.48
0.40
0.32
0.29
0.25
0.22
0.16
72R050X
0.78
0.68
0.60
0.50
0.41
0.36
0.32
0.27
0.20
72R065X
1.01
0.88
0.77
0.65
0.53
0.47
0.41
0.35
0.26
72R075X
1.16
1.02
0.89
0.75
0.61
0.54
0.47
0.41
0.30
72R090X
1.40
1.22
1.07
0.90
0.73
0.65
0.57
0.49
0.36
72R110X
1.71
1.50
1.31
1.10
0.89
0.79
0.69
0.59
0.44
72R135X
2.09
1.84
1.61
1.35
1.09
0.97
0.85
0.73
0.54
72R160X
2.48
2.18
1.90
1.60
1.30
1.15
1.01
0.86
0.64
72R185X
2.87
2.52
2.20
1.85
1.50
1.33
1.17
1.00
0.74
72R250X
3.88
3.40
2.98
2.50
2.03
1.80
1.58
1.35
1.00
72R300X
4.65
4.08
3.57
3.00
2.43
2.16
1.89
1.62
1.20
72R375X
5.81
5.10
4.46
3.75
3.04
2.70
2.36
2.03
1.50
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Temperature Rerating Curve
Temperature Rerating
72R
0.01
0.1
1
10
100
0.1
1
10
100
Current in Amperes


Similar Part No. - 72R025X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
72R025X LITTELFUSE-72R025X Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
72R025X LITTELFUSE-72R025X Datasheet
731Kb / 7P
   The 72R Series is designed to provide overcurrent protection to 72Vdc maximum voltage with a maximum 40A short circuit rating
More results

Similar Description - 72R025X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com