Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V25S440P Datasheet(PDF) 2 Page - Littelfuse

Part # V25S440P
Description  Varistor Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V25S440P Datasheet(HTML) 2 Page - Littelfuse

  V25S440P Datasheet HTML 1Page - Littelfuse V25S440P Datasheet HTML 2Page - Littelfuse V25S440P Datasheet HTML 3Page - Littelfuse V25S440P Datasheet HTML 4Page - Littelfuse V25S440P Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
96
Varistor Products
©2009 Littelfuse, Inc.
Revision: July 28, 2009
96
©2008 Littelfuse, Inc.
Revision: July 28, 2009
UltraMOV™ 25S Varistor Series
Radial Lead Varistors > UltraMOVTM 25S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ultramov25s.html for current information.
UltraMOV™ 25S Series Ratings & Specifications
Part
Number
Branding
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage
at 1mA DC
Test Current
Maximum
Clamping
Voltage at 100A,
8 x 20μs
UL 1449 ed.3
Voltage
Protection
Rating
Typical
Capaci-
tance
f = 1MHz
AC Volts DC Volts
Energy
2ms
Peak Surge
Current
8 x 20μs
V
V
W
TM
1 x
Pulse
I
TM
1 x Pulse
V
Min
V
Max
V
VPR
C
(V)
(V)
(J)
(A)
(V)
(V)
(pF)
Peak Current, Energy and Power Derating Curve
0
20
40
60
80
100
55
50
60
70
80
90
100 110 120 130
AM BIEN T T EM PER AT U R E (ºC )
0
50
100
TIM E
t1
t2
t
O 1
Peak Pulse Current Test Waveform for Clamping Voltage
Transient V-I Characteristics Curves
T
T
2
Example
μ
μ
μ
2
Figure 1
Figure 2


Similar Part No. - V25S440P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V250LA10 LITTELFUSE-V250LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V250LA10 LITTELFUSE-V250LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V250LA10 LITTELFUSE-V250LA10 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V250LA10 LITTELFUSE-V250LA10 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V250LA10CP LITTELFUSE-V250LA10CP Datasheet
1Mb / 10P
   Radial Lead Varistors
More results

Similar Description - V25S440P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8RA8 LITTELFUSE-V8RA8 Datasheet
117Kb / 8P
   Varistor Products - Low Profile
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com