Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1010 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1010
Description  3.5pF Unidirectional TVS Array for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1010 Datasheet(HTML) 4 Page - Littelfuse

  SP1010 Datasheet HTML 1Page - Littelfuse SP1010 Datasheet HTML 2Page - Littelfuse SP1010 Datasheet HTML 3Page - Littelfuse SP1010 Datasheet HTML 4Page - Littelfuse SP1010 Datasheet HTML 5Page - Littelfuse SP1010 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
3.5pF Unidirectional TVS Array for ESD Protection
SP1010 Lead-Free/Green Series
Package Dimensions - uDFN-6 (1.25x1.0x0.5mm)
uDFN-6 (1.25x1.0x0.5mm)
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
0.45
0.55
0.018
0.022
A1
0.00
0.05
0.000
0.002
A3
0.127 REF
0.005 REF
b
0.15
0.25
0.006
0.010
D
1.20
1.30
0.047
0.051
D2
-
-
-
-
E
0.95
1.05
0.037
0.041
E2
-
-
-
-
e
0.4 REF
0.016 REF
L
0.25
0.35
0.010
0.014
D
E
B
1 2 3
6 5 4
Top View
Pin 1 Index Area
A
A
1
2
3
5
4
6
L
Pin 1 chamfer
0.10 x 45’
0.05 C
Bottom View
0.05 C
0.05 C
b
A1
A3
C
Seating plane
Side View
0.10
C A
M
B
0.05
C
M
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters


Similar Part No. - SP1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP10100 ETC1-SP10100 Datasheet
57Kb / 2P
   10 A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP10100 SECOS-SP10100 Datasheet
865Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SP10100 JINGHENG-SP10100 Datasheet
505Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SP10100C PACELEADER-SP10100C Datasheet
446Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results

Similar Description - SP1010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1010 LITTELFUSE-SP1010_10 Datasheet
399Kb / 5P
   SPA??Silicon Protection Array Products 3.5pF Unidirectional TVS Array for ESD Protection
SP1007 LITTELFUSE-SP1007 Datasheet
298Kb / 6P
   SPA??Silicon Protection Array Products 3.5pF Bi-Directional 0201 TVS Diode for ESD Protection
logo
Protek Devices
PLED508U PROTEC-PLED508U Datasheet
303Kb / 2P
   UNIDIRECTIONAL TVS DIE FOR ESD PROTECTION
PLED511U PROTEC-PLED511U Datasheet
399Kb / 2P
   UNIDIRECTIONAL TVS DIE FOR ESD PROTECTION
PLED0811PU PROTEC-PLED0811PU Datasheet
296Kb / 2P
   UNIDIRECTIONAL TVS DIE FOR ESD PROTECTION
logo
Pan Jit International I...
PJSDA05C-4 PANJIT-PJSDA05C-4 Datasheet
106Kb / 3P
   TVS ARRAY QUAD FOR ESD PROTECTION
logo
Semtech Corporation
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com