Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72R135X Datasheet(PDF) 7 Page - Littelfuse

Part # 72R135X
Description  POLYFUSE Resettable PTCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

72R135X Datasheet(HTML) 7 Page - Littelfuse

  72R135X Datasheet HTML 1Page - Littelfuse 72R135X Datasheet HTML 2Page - Littelfuse 72R135X Datasheet HTML 3Page - Littelfuse 72R135X Datasheet HTML 4Page - Littelfuse 72R135X Datasheet HTML 5Page - Littelfuse 72R135X Datasheet HTML 6Page - Littelfuse 72R135X Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
145
©2009 Littelfuse, Inc.
Revised: April 3, 2009
POLYFUSE® Resettable PTCs
©2009 Littelfuse, Inc.
72R Series
Radial Leaded > 72R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/72R.html for current information.
A
B
A1
L1
P0
D0
F
L
W4
H0
I2
H1
W5
W
Reference plane
Δh
Δh
H1
H
C1
C2
Δh
Δp
Direction of unreeling
Cross section A - B
t
Tape and Ammo Diagram
Figure 1


Similar Part No. - 72R135X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
72R135X LITTELFUSE-72R135X Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
72R135X LITTELFUSE-72R135X Datasheet
731Kb / 7P
   The 72R Series is designed to provide overcurrent protection to 72Vdc maximum voltage with a maximum 40A short circuit rating
More results

Similar Description - 72R135X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com