Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5550 Datasheet(PDF) 3 Page - Daya Electric Group Co., Ltd.

Part # 2N5550
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

2N5550 Datasheet(HTML) 3 Page - Daya Electric Group Co., Ltd.

  2N5550 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 3Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 4Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 5Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 6Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N5550, 2N5551
3
ORDERING INFORMATION
Device
Package
Shipping
2N5550
TO−92
5,000 Unit / Bulk
2N5550RLRA
TO−92
2,000 Tape & Reel
2N5550RLRP
TO−92
2,000 Tape & Ammo Box
2N5550RLRPG
TO−92
(Pb−Free)
2,000 Tape & Ammo Box
2N5551
TO−92
5,000 Unit / Bulk
2N5551G
TO−92
(Pb−Free)
5,000 Unit / Bulk
2N5551RL1
TO−92
2,000 Tape & Reel
2N5551RLRA
TO−92
2,000 Tape & Reel
2N5551RLRM
TO−92
2,000 Tape & Ammo Box
2N5551RLRP
TO−92
2,000 Tape & Ammo Box
2N55551ZL1
TO−92
2,000 Tape & Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifica-
tions Brochure, BRD8011/D.
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
500
TJ = 125°C
−55 °C
25°C
5.0
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
30
20
300
100
50
7.0
VCE = 1.0 V
VCE = 5.0 V


Similar Part No. - 2N5550

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5550 ONSEMI-2N5550 Datasheet
188Kb / 6P
   mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
Diotec Semiconductor
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
Nanjing International G...
2N5550 DGNJDZ-2N5550 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
logo
SeCoS Halbleitertechnol...
2N5550 SECOS-2N5550 Datasheet
128Kb / 2P
   NPN Plastic Encapsulated Transistor
More results

Similar Description - 2N5550

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com