Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5393 Datasheet(PDF) 2 Page - Daya Electric Group Co., Ltd.

Part # 1N5393
Description  1.5 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

1N5393 Datasheet(HTML) 2 Page - Daya Electric Group Co., Ltd.

  1N5393 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 1N5393 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
0.04
0.4
0.1
1
4
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
RATINGS AND CHARACTERISTIC CURVES (1N5391 THRU 1N5399)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.2
0.4
1
100
40
20
24
10
1
60
100
40
20
10
6
4
2
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
10
80
60
40
20
28
6
4
1
100
10
20
40
30
0
50
NUMBER OF CYCLES AT 60Hz
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
0.6
0.9
0
0.3
1.2
1.5
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.2- TYPICAL FORWARD CHARACTERISTICS
1.5
0.6
0.8
1.0
1.2
1.4
0.01
20
10
2
1
0.4
0.2
0.04
0.1
0.02
FORWARD VOLTAGE. (V)
200
1N5392-1N5399
1N5391
D A Y A
TDD
-
-
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China
28


Similar Part No. - 1N5393

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5393 PANJIT-1N5393 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
1N5393 TSC-1N5393 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5393 YANGJIE-1N5393 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Dc Components
1N5393 DCCOM-1N5393 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
1N5393 BILIN-1N5393 Datasheet
281Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - 1N5393

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5391S TSC-1N5391S_10 Datasheet
452Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5391 TSC-1N5391 Datasheet
239Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5391S TSC-1N5391S_1 Datasheet
240Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5391S TSC-1N5391S Datasheet
66Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5391 TSC-1N5391_10 Datasheet
516Kb / 2P
   1.5 AMPS. Silicon Rectifiers
logo
Jinan Gude Electronic D...
W005M JGD-W005M Datasheet
125Kb / 2P
   SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
W005 TSC-W005_1 Datasheet
259Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
W005M TSC-W005M Datasheet
74Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
W005M TSC-W005M_1 Datasheet
265Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
logo
Surge Components
W005 SURGE-W005 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com