Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C8V2W Datasheet(PDF) 2 Page - Daya Electric Group Co., Ltd.

Part # BZT52C8V2W
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

BZT52C8V2W Datasheet(HTML) 2 Page - Daya Electric Group Co., Ltd.

  BZT52C8V2W Datasheet HTML 1Page - Daya Electric Group Co., Ltd. BZT52C8V2W Datasheet HTML 2Page - Daya Electric Group Co., Ltd. BZT52C8V2W Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 09/11/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT52C…W
Characteristics at Ta = 25 OC
1) V
Z is tested with pulses (20 ms).
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage Current
lZT for
VZT
ZZT
ZZK
at IZK
IR
at VR
Type
Marking
Code
Vznom
V
mA
V
Ω (Max.)
Ω (Max.)
mA
μA (Max.)
V
BZT52C2V4W
MH
2.4
5
2.2...2.6
100
600
1
50
1
BZT52C2V7W
MJ
2.7
5
2.5...2.9
100
600
1
20
1
BZT52C3V0W
MK
3.0
5
2.8...3.2
95
600
1
10
1
BZT52C3V3W
MM
3.3
5
3.1...3.5
95
600
1
5
1
BZT52C3V6W
MN
3.6
5
3.4...3.8
90
600
1
5
1
BZT52C3V9W
MP
3.9
5
3.7...4.1
90
600
1
3
1
BZT52C4V3W
MR
4.3
5
4...4.6
90
600
1
3
1
BZT52C4V7W
MX
4.7
5
4.4...5
80
500
1
3
2
BZT52C5V1W
MY
5.1
5
4.8...5.4
60
480
1
2
2
BZT52C5V6W
MZ
5.6
5
5.2...6
40
400
1
1
2
BZT52C6V2W
NA
6.2
5
5.8...6.6
10
150
1
3
4
BZT52C6V8W
NB
6.8
5
6.4...7.2
15
80
1
2
4
BZT52C7V5W
NC
7.5
5
7...7.9
15
80
1
1
5
BZT52C8V2W
ND
8.2
5
7.7...8.7
15
80
1
0.7
5
BZT52C9V1W
NE
9.1
5
8.5...9.6
15
100
1
0.5
6
BZT52C10W
NF
10
5
9.4...10.6
20
150
1
0.2
7
BZT52C11W
NH
11
5
10.4...11.6
20
150
1
0.1
8
BZT52C12W
NJ
12
5
11.4...12.7
25
150
1
0.1
8
BZT52C13W
NK
13
5
12.4...14.1
30
170
1
0.1
8
BZT52C15W
NM
15
5
13.8...15.6
30
200
1
0.1
10.5
BZT52C16W
NN
16
5
15.3...17.1
40
200
1
0.1
11.2
BZT52C18W
NP
18
5
16.8...19.1
45
225
1
0.1
12.6
BZT52C20W
NR
20
5
18.8...21.2
55
225
1
0.1
14
BZT52C22W
NX
22
5
20.8...23.3
55
250
1
0.1
15.4
BZT52C24W
NY
24
5
22.8...25.6
70
250
1
0.1
16.8
BZT52C27W
NZ
27
2
25.1...28.9
80
300
0.5
0.1
18.9
BZT52C30W
PA
30
2
28...32
80
300
0.5
0.1
21
BZT52C33W
PB
33
2
31...35
80
325
0.5
0.1
23.1
BZT52C36W
PC
36
2
34...38
90
350
0.5
0.1
25.2
BZT52C39W
PD
39
2
37...41
130
350
0.5
0.1
27.3


Similar Part No. - BZT52C8V2W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZT52C8V2W HTSEMI-BZT52C8V2W Datasheet
540Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Jiangsu High diode Semi...
BZT52C8V2W HDSEMI-BZT52C8V2W Datasheet
1Mb / 5P
   SOD 123 Plastic-Encapsulate Diodes
logo
TAITRON Components Inco...
BZT52C8V2WS TAITRON-BZT52C8V2WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
More results

Similar Description - BZT52C8V2W

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com