Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1004N Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1004N
Description  4 Pin SOP OptoMOS짰 Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1004N Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1004N Datasheet HTML 1Page - Clare, Inc. CPC1004N Datasheet HTML 2Page - Clare, Inc. CPC1004N Datasheet HTML 3Page - Clare, Inc. CPC1004N Datasheet HTML 4Page - Clare, Inc. CPC1004N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications
and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of
Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability,
fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1004N-R05
©Copyright 2008, Clare, Inc.
OptoMOS® is a registered trademark of Clare, Inc.
All rights reserved. Printed in USA.
9/2/08
For additional information please visit our website at: www.clare.com
5
CPC1004N
MECHANICAL DIMENSIONS
RoHS
2002/95/EC
e3
Pb
MANUFACTURING INFORMATION
Moisture Sensitivity
Clare has characterized the moisture reflow sensitivity
of this package, and has determined that this
component must be handled in accordance with
IPC/JEDEC standard J-STD-033 moisture sensitivity
level (MSL), level 3 classification.
Soldering Reflow Profile
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
4-Pin SOP Package
Recommended PCB Land Pattern
2.54
(0.10)
5.60
(0.2205)
1.30
(0.0512)
0.60
(0.0217)
Pin 1
4.089 ± 0.203
(0.161 ± 0.008)
2.54 Typ
(0.100 Typ)
6.096 ± 0.102
(0.240 ± 0.004)
3.810 ± 0.076
(0.150 ± 0.003)
0.432 ± 0.127
(0.017 ± 0.005)
0.200 ± 0.025
(0.008 ± 0.001)
1.02 ± 0.025
(0.040 ± 0.001)
Dimensions
mm
(inches)
2.184 Max
(0.086 Max)
0.381 TYP.
(0.015 TYP.)
0.0254 - 0.102
(0.001 - 0.004)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Tape and Reel Packaging for 4-Pin SOP Package
User Direction of Feed
B
0=4.70
(0.185)
W=12.00 Max
(0.472 Max)
P=8.00
(0.315)
A
0=6.50
(0.256)
Pin 1
K
0=2.70
(0.106)
K
1=2.30
(0.091)
Dimensions
mm
(inches)


Similar Part No. - CPC1004N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
   4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1004N IXYS-CPC1004N Datasheet
172Kb / 6P
   100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1004NTR CLARE-CPC1004NTR Datasheet
509Kb / 5P
   4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1004NTR IXYS-CPC1004NTR Datasheet
172Kb / 6P
   100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1004N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1002N CLARE-CPC1002N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1008N CLARE-CPC1008N_1 Datasheet
127Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1019N CLARE-CPC1019N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1225N CLARE-CPC1225N Datasheet
114Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1009N CLARE-CPC1009N Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com