Electronic Components Datasheet Search |
|
FWDM-1619-7D-49 Datasheet(PDF) 5 Page - Finisar Corporation. |
|
FWDM-1619-7D-49 Datasheet(HTML) 5 Page - Finisar Corporation. |
5 / 10 page FWDM-1619-7D-xx SFP Product Specification May 2003 F i n i s a r © Finisar Corporation May 2003 Rev.D Page 5 V. General Specifications Parameter Symbol Min Typ Max Units Ref. Data Rate BR 0.622 1.25 Gb/sec Total System Budget -- 29 30 dB @1.25 Gb/s, BER < 10 -12 w/ PRBS 2 7-1. VI. Environmental Specifications Finisar CWDM SFP transceivers have an operating temperature range from 0°C to +70°C case temperature. Parameter Symbol Min Typ Max Units Ref. Case Operating Temperature Top 0 70 °C Storage Temperature Tsto -40 85 °C VII. Regulatory Compliance Finisar CWDM SFP transceivers are Class 1 Laser Products. They are certified per the following standards: Feature Agency Standard Laser Eye Safety FDA/CDRH CDRH and IEC-825 Class 1 Laser Product. See Note 1 Laser Eye Safety TÜV EN 60950 EN 60825-1 EN 60825-2 Electrical Safety CSA CLASS 3862.07 CLASS 3862.87 Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to Laser Notice No. 50, dated July 26, 2001. |
Similar Part No. - FWDM-1619-7D-49 |
|
Similar Description - FWDM-1619-7D-49 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |