Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWLF1524P2V55 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FWLF1524P2V55
Description  4 Gigabit RoHS Compliant CWDM SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1524P2V55 Datasheet(HTML) 5 Page - Finisar Corporation.

  FWLF1524P2V55 Datasheet HTML 1Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 2Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 3Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 4Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 5Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 6Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 7Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 8Page - Finisar Corporation. FWLF1524P2V55 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FWLF1524P2Vxx SFP Product Specification – October 2006
F i n i s a r
© Finisar Corporation October 31, 2006 Rev C Preliminary
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
1062
4250
Mb/sec
1
Bit Error Rate
BER
10
-12
2
Max. Supported Link Length on
9/125
µm SMF @ 4X Fibre Channel
LMAX1
30
km
3
Max. Supported Link Length on
9/125
µm SMF @ 1X and 2X Fibre
Channel
LMAX2
50
km
3
Max. Supported Link Length on
9/125
µm SMF @ Gigabit Ethernet
LMAX3
50
km
3
Notes:
1.
Gigabit Ethernet and 1x/2x/4x Fibre Channel compliant.
2.
Tested with a PRBS 2
7-1 test pattern.
3. A 3dB penalty is included for dispersion on data rates >2Gb/s; and a 2dB penalty is included for data
rates <2Gb/s. Distances are indicative only. Please refer to the Optical Specifications in Table IV to
calculate a more accurate link budget based on specific conditions in your application
VI.
Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-5
75
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of EN (IEC)
60950.
Copies of certificates are available at Finisar Corporation upon request.


Similar Part No. - FWLF1524P2V55

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FWLF1524P2VXX FRONTIER-FWLF1524P2VXX Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FWLF1524P2V55

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1524P2YXX FINISAR-FWLF1524P2YXX Datasheet
577Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com