Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR0530T1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR0530T1
Description  SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR0530T1 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR0530T1 Datasheet HTML 1Page - Motorola, Inc MBR0530T1 Datasheet HTML 2Page - Motorola, Inc MBR0530T1 Datasheet HTML 3Page - Motorola, Inc MBR0530T1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR0530T1
2
Rectifier Device Data
1
0.1
0.01
0.15
VF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
104
1000
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
5
1015
20
3035
40
25
100
10
1
0
TJ = 125°C
75
°C
25
°C
–40
°C
75
°C
25
°C
180
160
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Capacitance
510
15
20
30
25
140
120
100
0
TYPICAL CAPACITANCE AT 0 V = 170 pF
40
60
80
1
0.875
0
LEAD TEMPERATURE (
°C)
Figure 4. Current Derating (Lead)
67
74
81
88
130
95
0.75
0.625
0.5
60
0.125
0.25
0.375
123
116
109
102
DC
SQUARE WAVE
=
π
= 5
= 10
Ipk/Iav = 20
0.35
0.315
0
IF(AV), AVERAGE FORWARD CURRENT (AMP)
Figure 5. Power Dissipation
0.1
0.2
0.3
0.4
0.8
0.5
0.28
0.245
0.21
0
0.105
0.14
0.175
0.7
0.6
DC
SQUARE WAVE
=
π
= 5
= 10
Ipk/Iav = 20
0.07
0.035
TJ = 125°C
TJ = 125°C


Similar Part No. - MBR0530T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0530T1 ONSEMI-MBR0530T1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
logo
SUNMATE electronic Co.,...
MBR0530T1 SUNMATE-MBR0530T1 Datasheet
274Kb / 2P
   0.5A Surface Mount Schottky Power Rectifier
logo
ON Semiconductor
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
107Kb / 4P
   Surface Mount Schottky Power Rectifier
September, 2013 ??Rev. 7
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
65Kb / 4P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 8
More results

Similar Description - MBR0530T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0520LT1 MOTOROLA-MBR0520LT1 Datasheet
87Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
ON Semiconductor
MBR230LSFT1 ONSEMI-MBR230LSFT1 Datasheet
80Kb / 5P
   SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
May, 2007 - Rev. 0
MBR130T1 ONSEMI-MBR130T1 Datasheet
40Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
February, 2001 ??Rev. 1
logo
Rectron Semiconductor
SR730CSDP RECTRON-SR730CSDP Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 30 Volts CURRENT 7.0 Amperes
SR3060C-C-S-A01 RECTRON-SR3060C-C-S-A01 Datasheet
278Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 60 Volts CURRENT 30 Amperes
logo
Micro Commercial Compon...
B0530WS MCC-B0530WS Datasheet
314Kb / 4P
   0.5 Amp Schottky Rectifier 30 Volts
B0530WS MCC-B0530WS_13 Datasheet
330Kb / 4P
   0.5 Amp Schottky Rectifier 30 Volts
logo
Rectron Semiconductor
SRL30150C RECTRON-SRL30150C Datasheet
87Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:A
SPKC1230F RECTRON-SPKC1230F Datasheet
113Kb / 4P
   SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 30 Volts CURRENT 12 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com