Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM358D8T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM358D8T
Description  LOW POWER DUAL OPERATIONAL AMPLIFERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM358D8T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM358D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM358D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM358D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM358D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM358D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM358D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM358D8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM358D8T Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
GM358
LOW POWER DUAL
OPERATIONAL AMPLIFERS
Electrical Characteristics (VCC = 5V, at specified free-air temperature, unless otherwise
specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
TA = 25
3
7
Input offset Voltage
VIO
VCC = 5V to Max
VIC = VICR min
VO = 1.4V
Full Range
9
mV
Average Temperature
Coefficient of Input
offset Voltage
αVIO
Full Range
7
µV/°C
TA = 25
2
50
Input Offest Current
IIO
Full Range
150
nA
Average Temperature
Coefficient of Input
offset Current
αIO
Full Range
10
pA/°C
TA = 25
-20
-250
Input Bias Current
IIB
VO =1.4V
Full Range
-500
nA
TA = 25
0 to VCC-1.5V
Common-Mode Input
Voltage Range
VICR
VCC = 5V to Max
Full Range
0 to VCC-2.0V
V
RL = 2K
TA = 25
VCC-1.5V
-
-
VCC = MAX, RL = 2K
Full Range
26
High-Level output
Voltage
VOH
VCC = MAX, RL = 10K
Full Range
27
28
V
High-Level output
Voltage
VOL
RL = 10K
Full Range
5
20
mV
TA = 25
25
100
Large-Signal
Differential Voltage
Amplification
AVD
VCC = 15V,
VO = 1V to 11V
RL > 2K
Full Range
15
V/mV
Common Mode
Rejection Ratio
CMRR
VCC = 5V to Max
VIC = VICR min
TA = 25
65
80
dB
Supply Voltage
Rejection Ratio
KSVR
VCC = 5V to Max
TA = 25
65
100
dB
Crosstalk Attenuation
VO1/VO2
f = 1KHz to 20KHz
TA = 25
120
dB
TA = 25
-20
-30
VCC = 15V, VID = 1V,
VO = 0V
Full Range
-10
TA = 25
10
20
VCC = 15V, VID = -1V,
VO = 15V
Full Range
5
mA
Output Current
IO
VID = -1V, VO = 200mV Full Range
12
30
µA
Short-Circuit output
Current
IOS
VCC at 5V, Gnd at -5V,
VO = 0V
TA = 25
±40
±60
mA
VO = 2.5V, No Load
Full Range
1.5
2.4
Supply Current (four
amplifiers)
ICC
VCC = Max,
VO = 0.5VCC, No Load
Full Range
1.1
3
mA
*
All characteristics are measured under open loop conditions with zero common-mode input voltage unless otherwise specified.
"MAX" VCC for testing purposes is 30V.


Similar Part No. - GM358D8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM358D8T GAMMA-GM358D8T Datasheet
195Kb / 10P
   DUAL OPERATIONAL AMPLIFIER
GM358D8T GAMMA-GM358D8T Datasheet
190Kb / 9P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
GM358D8TG GAMMA-GM358D8TG Datasheet
190Kb / 9P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
More results

Similar Description - GM358D8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM358 GAMMA-GM358_12 Datasheet
190Kb / 9P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
GM324 GAMMA-GM324 Datasheet
116Kb / 8P
   LOW POWER QUAD OPERATIONAL AMPLIFERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
Texas Instruments
TLE206X TI1-TLE206X_13 Datasheet
2Mb / 83P
[Old version datasheet]   EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFERS
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com