Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM358S8R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM358S8R
Description  LOW POWER DUAL OPERATIONAL AMPLIFERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM358S8R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM358S8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM358S8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM358S8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM358S8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM358S8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM358S8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM358S8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM358S8R Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
GM358
LOW POWER DUAL
OPERATIONAL AMPLIFERS
Typical Performance Characteristics
120
100
80
60
40
20
0
20
1.0
10
100
1.0k
10k
100k
1.0M
f - Frequency (HZ)
Figure 1. Large-Signal Open Loop
Voltage Gain
VCC = 15V
VEE = GND
TA = 25°C
100K
f– frequency (Hz)
14
12
10
8.0
6.0
4.0
2.0
0
1.0
10K
1M
Figure 2. Large - Signal Frequency
Response
VIN
7VDC
VCC = 15V
VEE = GND
RL = 2K
RF = 100K
TA = 25°C
100K
20K
1K
-
0
450
400
350
300
250
200
0
1.0
2.0
3.0
40
5.0
6.0
Figure 3. Small Signal Voltage Follower
Pulse Response (Noninverting)
VCC = 30
TA = 25°C
CL = 50pF
500
550
50pF
-
VO
VIN
Input
Output
2.4
2.1
1.8
1.5
1.2
0.9
0.6
VCC, Power Supply Voltage (V)
0.3
0
0
5.0
Figure 4. Power Supply Current versus
Power Supply Voltage
RF =
TA = 25°C
20
25
30
35
40
VCC
ICC
+
90
80
70
Figure 5. Input Bias Current versus
Supply Voltage
VCC, Power Supply Voltage (V)
0
2.0 4.0 6.0 8.0 10 12
14
16 18 20


Similar Part No. - GM358S8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM358S8R GAMMA-GM358S8R Datasheet
195Kb / 10P
   DUAL OPERATIONAL AMPLIFIER
GM358S8R GAMMA-GM358S8R Datasheet
190Kb / 9P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
GM358S8RG GAMMA-GM358S8RG Datasheet
190Kb / 9P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
More results

Similar Description - GM358S8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM358 GAMMA-GM358_12 Datasheet
190Kb / 9P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
GM324 GAMMA-GM324 Datasheet
116Kb / 8P
   LOW POWER QUAD OPERATIONAL AMPLIFERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
Texas Instruments
TLE206X TI1-TLE206X_13 Datasheet
2Mb / 83P
[Old version datasheet]   EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFERS
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com