Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5041A4A-4 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # WF5041A4A-4
Description  High-stability Crystal Oscillator IC with Frequency Adjustment Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5041A4A-4 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  WF5041A4A-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5041A4A-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5041 series
SEIKO NPC CORPORATION—5
ELECTRICAL CHARACTERISTICS
DC Characteristics (5041A1
× to A6×)
VDD = 2.25V to 3.63V, VSS = 0V, Ta = −40°C to +85°C, CLOUT = 15pF unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
MIN
TYP
MAX
Operating-mode current
consumption*1
*1. The consumption current IDD (CLOUT) with a load capacitance (CLOUT) connected to the Q pin is given by the following equation, where IDD is the no-
load consumption current and fOUT is the output frequency.
IDD (CLOUT) [mA] = IDD [mA] + CLOUT [pF] × VDD [V] × fOUT [MHz] × 10
–3
IDD
5041A1
× (fOUT = fo),
Measurement circuit 1, no load,
INHN
= HIGH, fo = 48MHz
VDD = 2.5V
1.4
2.8
mA
VDD = 3.3V
1.7
3.4
mA
5041A2
× (fOUT = fo/2),
Measurement circuit 1, no load,
INHN
= HIGH, fo = 48MHz
VDD = 2.5V
1.1
2.2
mA
VDD = 3.3V
1.4
2.7
mA
5041A3
× (fOUT = fo/4),
Measurement circuit 1, no load,
INHN
= HIGH, fo = 48MHz
VDD = 2.5V
1.0
1.9
mA
VDD = 3.3V
1.2
2.4
mA
5041A4
× (fOUT = fo/8),
Measurement circuit 1, no load,
INHN
= HIGH, fo = 48MHz
VDD = 2.5V
0.9
1.7
mA
VDD = 3.3V
1.0
2.1
mA
5041A5
× (fOUT = fo/16),
Measurement circuit 1, no load,
INHN
= HIGH, fo = 48MHz
VDD = 2.5V
0.8
1.7
mA
VDD = 3.3V
1.0
2.0
mA
5041A6
× (fOUT = fo/32),
Measurement circuit 1, no load,
INHN
= HIGH, fo = 48MHz
VDD = 2.5V
0.8
1.6
mA
VDD = 3.3V
1.0
2.0
mA
Standby-mode current
consumption
IST
Measurement circuit 1, INHN
= LOW
10
µA
HIGH-level output voltage
VOH
Q pin, Measurement circuit 3, IOH = −4mA
VDD−0.4
V
LOW-level output voltage
VOL
Q pin, Measurement circuit 3, IOL = 4mA
0.4
V
Output leakage current
IZ
Measurement circuit 4,
INHN
= LOW
Q = VDD
––
10
µA
Q = VSS
−10
µA
HIGH-level input current
VIH
INHN pin, Measurement circuit 5
0.7VDD
––
V
LOW-level input current
VIL
0.3VDD
V
INHN pull-up resistance
RPU1
Measurement circuit 6
INHN
= VSS
0.4
1.5
10
M
RPU2
INHN
= 0.7VDD
50
100
200
k


Similar Part No. - WF5041A4A-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF50-40B410 ETC2-WF50-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
SICK AG
WF50-40B410 SICK-WF50-40B410 Datasheet
977Kb / 7P
   FORK SENSORS
WF50-40B416 SICK-WF50-40B416 Datasheet
985Kb / 7P
   FORK SENSORS
WF50-40B41CA00 SICK-WF50-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF50-40B41CA71 SICK-WF50-40B41CA71 Datasheet
1Mb / 8P
   FORK SENSORS
More results

Similar Description - WF5041A4A-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5042 NPC-5042 Datasheet
116Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
WF5091A NPC-WF5091A Datasheet
412Kb / 13P
   32kHz output Crystal Oscillator IC with Frequency Adjustment Function
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-1.8V JAUCH-JO22H-1.8V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com