Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5041A1B-4 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # WF5041A1B-4
Description  High-stability Crystal Oscillator IC with Frequency Adjustment Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5041A1B-4 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  WF5041A1B-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5041A1B-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
5041 series
SEIKO NPC CORPORATION—1
High-stability Crystal Oscillator IC with Frequency Adjustment Function
OVERVIEW
The 5041 series are high-stability clock oscillator ICs with built-in frequency adjustment functions. The
frequency adjustment functions can be optimized, by the addition of a minimal adjustment process, to improve
the frequency stability. The function is implemented using frequency adjustment data written to a built-in
EEPROM over a 1-wire serial interface. The ICs are ideal for compact crystal oscillators for use in applications
such as WiMAX (Worldwide Interoperability for Microwave Access) and PLC (Power Line Communication)
that require high frequency stability in the order of
±30 to ±10ppm. They use a pad layout suitable for flip chip
bonding mounting.
FEATURES
I
Realizing frequency stability improvement with
minimal additional process
I
Temperature compensation range/ operating tem-
perature range:
−40°C to +85°C
I
Frequency adjustment functions built-in
• Frequency-temperature characteristics compen-
sation function
AT-cut crystal, 3rd order harmonic frequency-
temperature characteristics compensation, with
independent low-temperature and high-temper-
ature range compensation settings
- Center frequency adjustment function
- Temperature rotation compensation function
- Low-temperature characteristics compensation
- High-temperature characteristics compensation
I
Rewritable EEPROM built-in
I
6 pads: same as general clock oscillator ICs
I
Operating supply voltage range
• 5041A
××: 2.25V to 3.63V
• 5041B
×A: 1.60V to 2.25V
I
Recommended oscillation frequency range:
20MHz to 55MHz (for fundamental oscillation)
I
Frequency divider built-in:
• Selectable by version: fO, fO/2, fO/4, fO/8, fO/16,
fO/32
• Frequency divider output for 0.625MHz (min)
low frequency output
I
Standby function
High-impedance in standby mode, oscillator stops
I
CMOS output
I
15pF output load
I
Pad layout for flip chip bonding
I
Wafer form (WF5041
×××)
FREQUENCY CHARACTERISTICS COMPENSATION BEFORE and AFTER ADJUSTMENT
APPLICATIONS
I
3.2mm
× 2.5mm, 2.5mm × 2.0mm, 2.0mm × 1.6mm size miniature crystal oscillator modules
I
WiMAX, WiBro, PLC and applications requiring high-stability clock oscillators
ORDERING INFORMATION
Device
Package
WF5041
×××−4
Wafer form
020
Ta [
°C]
40
60
80
100
−20
−40
−50
−40
−30
−20
−10
0
10
20
30
40
50
± 10ppm
Before compensation
After compensation


Similar Part No. - WF5041A1B-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF50-40B410 ETC2-WF50-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
SICK AG
WF50-40B410 SICK-WF50-40B410 Datasheet
977Kb / 7P
   FORK SENSORS
WF50-40B416 SICK-WF50-40B416 Datasheet
985Kb / 7P
   FORK SENSORS
WF50-40B41CA00 SICK-WF50-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF50-40B41CA71 SICK-WF50-40B41CA71 Datasheet
1Mb / 8P
   FORK SENSORS
More results

Similar Description - WF5041A1B-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5042 NPC-5042 Datasheet
116Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
WF5091A NPC-WF5091A Datasheet
412Kb / 13P
   32kHz output Crystal Oscillator IC with Frequency Adjustment Function
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-1.8V JAUCH-JO22H-1.8V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com