Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5076A2-4 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # WF5076A2-4
Description  VCXO Module IC with Built-in Varicap
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5076A2-4 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  WF5076A2-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5076A2-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
5076 series
SEIKO NPC CORPORATION —2
SERIES CONFIGURATION
VERSION NAME
Operating
supply voltage
range [V]
PAD layout
Recommended
operating frequency
range*1 [MHz]
*1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscil-
lation frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so
the oscillation characteristics of components must be carefully evaluated.
Output frequency and version name*2
*2. Versions in parentheses ( ) are under development.
fO output
fO/2 output
fO/4 output
fO/8 output
fO/16 output
1.6 to 2.0
Flip Chip Bonding
20 to 40
(5076A1)
(5076A2)
(5076A3)
(5076A4)
(5076A5)
40 to 55
(5076AJ)
(5076AK)
(5076AL)
(5076AM)
(5076AN)
Wire Bonding
20 to 40
5076B1
(5076B2)
(5076B3)
(5076B4)
(5076B5)
40 to 55
5076BJ
(5076BK)
(5076BL)
(5076BM)
(5076BN)
Device
Package
Version name
WF5076
××–4
Wafer form
CF5076
××–4
Chip form
WF5076
−4
Form WF: Wafer form
CF: Chip (Die) form
Oscillation frequency range, frequency divider function
Pad layout type A: for Flip Chip Bonding
B: for Wire Bonding


Similar Part No. - WF5076A2-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5075A1-4 NPC-WF5075A1-4 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
WF5075A2-4 NPC-WF5075A2-4 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
WF5075A3-4 NPC-WF5075A3-4 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
WF5075A4-4 NPC-WF5075A4-4 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
WF5075A5-4 NPC-WF5075A5-4 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
More results

Similar Description - WF5076A2-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
   VCXO Module IC
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com