Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1117S-ATA3T Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM1117S-ATA3T
Description  1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117S-ATA3T Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM1117S-ATA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM1117S-ATA3T Datasheet HTML 12Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
GM1117S
1A LOW DROPOUT
PRECISION VOLTAGE REGULATOR
1
Electrical Characteristics (T
A = 25℃, unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
IOUT =10mA, VIN = 5V
1.238
1.250
1.262
Reference
Voltage
GM1117S-Adj
VREF
10mA
≤ IOUT ≤ 1.0A,
2.65V
≤ VIN ≤ 10V
1.225
1.250
1.275
V
IOUT =10mA, VIN = 3.3V
1.782
1.800
1.818
GM1117S-1.8
10mA
≤ IOUT ≤ 1.0A,
3.3V
≤ VIN ≤ 10V
1.764
1.800
1.836
IOUT =10mA, VIN = 4V
2.475
2.500
2.525
GM1117S-2.5
10mA
≤ IOUT ≤ 1.0A,
4V
≤ VIN ≤ 10V
2.450
2.500
2.550
IOUT =10mA, VIN = 4.8V
3.267
3.300
3.333
GM1117S-3.3
10mA
≤ IOUT ≤ 1.0A,
4.8V
≤ VIN ≤ 10V
3.234
3.300
3.366
IOUT =10mA, VIN = 6.5V
4.950
5.000
5.050
Output Voltage
GM1117S-5.0
VOUT
10mA
≤ IOUT ≤ 1.0A,
6.5V
≤ VIN ≤ 10V
4.900
5.000
5.100
V
Line Regulation
∆VOI
IOUT =10mA,
1.5V
VIN - Vout 10V
0.04
0.2
%
Load Regulation
∆VOL
VIN = VOUT + 1.5V
10mA
≤ IOUT ≤ 1.0A
0.2
0.4
%
Dropout Voltage
∆V
IOUT =1A
1.3
1.5
V
Current Limit
ICL
VIN = VOUT + 1.5V
1.0
1.5
2.0
A
Quiescent Current (Fixed Output
Voltage Versions)
IQ
VIN = VOUT + 1.5V
10mA
≤ IOUT ≤ 1.0A
3.5
10
mA
Adjust Pin
Current
GM1117S-Adj
IAdj
IOUT =10mA,
2.75V
VIN 7V
40
90
µA
Temperature Coefficient
VIN = VOUT + 1.5V
IOUT =10mA
0.005
%/℃
Thermal Regulation
TC
TA=25°C, 30ms pulse
0.003
%/W
Ripple Rejection
RA
VIN = VOUT + 1.5V
IOUT =1A
60
65
dB


Similar Part No. - GM1117S-ATA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results

Similar Description - GM1117S-ATA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117_1 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com