Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5076A3-4 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF5076A3-4
Description  VCXO Module IC with Built-in Varicap
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5076A3-4 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF5076A3-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5076A3-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
5076 series
SEIKO NPC CORPORATION —9
FUNCTIONAL DESCRIPTION
Oscillation Start-up Detector Function
The devices also feature an oscillation start-up detector circuit. This circuit functions to disable the outputs
until the oscillation starts. This prevents unstable oscillator output at oscillator start-up when power is applied.
TYPICAL PERFORMANCE (5076B1)
The following characteristics measured using the crystal below. Note that the characteristics will vary with the
crystal used.
I
Crystal used for measurement
I
Crystal parameters
Frequency Pulling Range
Pulling Sensitivity
Measurement circuit
Parameter
fO = 27MHz
C0 [pF]
1.5
γ (= C0/C1)
300
L1
C0
R1
C1
VDD = 1.8V, fOUT = 27MHz, Ta = R.T.
VC [V]
0
50
−50
−100
−150
−200
−250
100
150
200
250
0.0
0.3
0.6
0.9
1.2
1.5
1.8
VDD = 1.8V, fOUT = 27MHz, Ta = R.T.
0
50
100
150
200
250
0.0
0.3
0.6
0.9
1.2
1.5
1.8
VC [V]
VDD
VSS
XT
Q
Crystal
XTN
VC
0.1
µF
CLOUT = 15pF
(Including probe
capacitance)


Similar Part No. - CF5076A3-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5072BA-1 NPC-CF5072BA-1 Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5073XX-1 NPC-CF5073XX-1 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
More results

Similar Description - CF5076A3-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
   VCXO Module IC
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com