Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1117-ATA3R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM1117-ATA3R
Description  1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117-ATA3R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM1117-ATA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1117-ATA3R Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
GM1117
1A LOW DROPOUT
PRECISION VOLTAGE REGULATOR
Package Outline Dimensions – SOT223
0.248 - 0.264
(6.30 - 6.71)
0.116 - 0.124
(2.95 - 3.15)
NOM
0.090
(2.29)
0.033 - 0.041
(0.84 - 1.04)
NOM
10 - 16
10 - 16
(0.31)
0.012
MAX
10
MIN
0.0008 - 0.0040
(0.0203 - 0.1016)
0.010 - 0.014
(0.25 - 0.36)
0.81
(4.6)
0.025 - 0.033
(0.64 - 0.84)
NOM
MAX
0.071
(1.8)
Package Outline Dimensions – TO252
SEATING PLAN
0.370 – 0.410
(9.400 – 10.420)
0.205 – 0.215
(5.210 – 5.460)
0.210 – 0.228
(5.330 – 5.800)
0.055 – 0.080
(1.400 – 2.030)
0.018 – 0.023
(0.460 – 0.580)
0.030 – 0.045
(0.760 – 1.140)
0.180
(4.570)
TYP
0.090
(2.285)
TYP
0.045 – 0.060
(1.150 – 1.520)
0.039 – 0.050
(1.020 – 1.270)
0.018 – 0.023
(0.460 – 0.580)
0.020
(0.510)
MIN
°
°
°
° °


Similar Part No. - GM1117-ATA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117-ATA3R GAMMA-GM1117-ATA3R Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM1117-ATA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com