Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM2574-3.3S8R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM2574-3.3S8R
Description  1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM2574-3.3S8R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM2574-3.3S8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM2574-3.3S8R Datasheet HTML 8Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
GM2574
1.5A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Electrical Characteristics: All Output Voltage Versions
(Specifications with standard type face are for T = 25℃, and those with bold face type apply over full Operating Temperature
rage)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
100
Feedback Bias
Current
VFB =5V (Adjustable Version Only)
Ib
-
50
500
nA
Oscillator
Frequency
(Note 3)
fo
42
52
58
kHz
1.8
Saturation
Voltage
lOUT = 1.5A (Notes 4, 5)
VSAT
-
1.4
2.0
V
Max Duty Cycle
(ON)
(Note 5)
DC
93
98
-
%
3.6
6.9
Current Limit
Peak Current (Notes 4, 5)
lCL
3.4
4.5
7.5
A
Output =0V (Notes 4, 6)
2
Output Leakage
Current
Output = -1V (Notes 4, 6)
lL
-
7.5
30
mA
Quiescent
Current
(Note 6)
lQ
-
5
10
mA
Standby
Quiescent
Current
SD Pin = 5V (OFF)
lSTBY
-
50
200
µA
1.0
Low (ON)
VIH
-
1.2
0.8
2.2
SD Pin Logic
lnput Level
High (OFF)
VIL
2.4
1.4
-
V
VLOGlC = 2.5V (OFF)
IH
12
30
µA
SD Pin lnput
Current
VLOGlC = 0.5V (ON)
IL
0
10
Note 1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Note 2: The human body model is a 100pF capacitor discharge through a 1.5KΩ resistor into each pin.
Note 3: External components such as the catch diode, inductor, input and output capacitors, and voltage
programming resistors can affect switching regulator system performance. Where the GM2574
is used as shown in Figure 1&2 test circuits.
Note 4: No diode, inductor or capacitor connected to output pin.
Note 5: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 6: Feedback pin removed from output and connected to 12V for the 3.V, 5V and Adj version, to
force the output transistor switch OFF.


Similar Part No. - GM2574-3.3S8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3PS8R GAMMA-GM2576-3.3PS8R Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3PS8T GAMMA-GM2576-3.3PS8T Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3S8R GAMMA-GM2576-3.3S8R Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576-3.3S8T GAMMA-GM2576-3.3S8T Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM2574-3.3S8R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Unisonic Technologies
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
   1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com