Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F6KA-1G5754-L4AB Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FAR-F6KA-1G5754-L4AB
Description  GPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6KA-1G5754-L4AB Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FAR-F6KA-1G5754-L4AB Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6KA-1G5754-L4AB Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6KA-1G5754-L4AB Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6KA-1G5754-L4AB Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6KA-1G5754-L4AB Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*Pb Free part
Customer Name
Standard specifications
FUJITSU MEDIA DEVICES LIMITED
System
GPS
DATE
Oct. 28, 2008
FMD Part Number
FAR-F6KA-1G5754-L4AB
Version 2.1b
Table 1 Electrical Specification
Passband : 1574.42 ~ 1576.42 MHz
Value
Unit
Remark
Parameter
Frequency
Min.
Typ.
Max.
Insertion loss
1574.42 ~ 1576.42
-
0.44
0.75
dB(*1)
Ripple in passband
1574.42 ~ 1576.42
-
0.01
0.4
dB
824 ~ 849
18
21
-
dB
880 ~ 915
17
20
-
dB
1475.42
19
23
-
dB
1525.42
26
35
-
dB
1625.42
30
53
-
dB
1675.42
20
25
-
dB
1710 ~ 1785
19
23
-
dB
1850 ~ 1910
19
23
-
dB
1920 ~ 1980
19
23
-
dB
Absolute
Attenuation
2400 ~ 2500
20
24
-
dB
VSWR Input
1574.42 ~ 1576.42
-
1.1
1.6
-
VSWR Outout
1574.42 ~ 1576.42
-
1.1
1.6
-
Input Impedance
50
Ohm
Output Impedance
50
Ohm
Operating Temperature
-30 to +85
oC
Device size (L x W x H)
1.4typ. x 1.0typ. x 0.5 max.
mm
(*1) Specification of insertion loss excludes loss that comes from the test board. (approximately 1.5GHz=0.12dB)


Similar Part No. - FAR-F6KA-1G5754-L4AB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6KA-1G5754-L4AA FUJITSU-FAR-F6KA-1G5754-L4AA Datasheet
175Kb / 5P
   GPS
FAR-F6KA-1G5754-L4AJ FUJITSU-FAR-F6KA-1G5754-L4AJ Datasheet
113Kb / 5P
   GPS
logo
Taiyo Yuden (U.S.A.), I...
FAR-F6KA-1G5754-L4AJ TAIYO-YUDEN-FAR-F6KA-1G5754-L4AJ Datasheet
232Kb / 5P
   Standard specifications
FAR-F6KA-1G5754-L4AJ-Z TAIYO-YUDEN-FAR-F6KA-1G5754-L4AJ-Z Datasheet
232Kb / 5P
   Standard specifications
More results

Similar Description - FAR-F6KA-1G5754-L4AB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
logo
Fujitsu Component Limit...
FAR-F6KA-1G5754-L4AJ FUJITSU-FAR-F6KA-1G5754-L4AJ Datasheet
113Kb / 5P
   GPS
FAR-F6KA-1G5754-L4AA FUJITSU-FAR-F6KA-1G5754-L4AA Datasheet
175Kb / 5P
   GPS
logo
EPCOS
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
   GPS RECEIVER
logo
STMicroelectronics
ST20-GP1 STMICROELECTRONICS-ST20-GP1 Datasheet
884Kb / 116P
   GPS PROCESSOR
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
   GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
   GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
   GPS ANTENNA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com