Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM2576-3.3S8R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM2576-3.3S8R
Description  2A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM2576-3.3S8R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

  GM2576-3.3S8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM2576-3.3S8R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
GM2576
2A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Package Outline Dimensions – 5L TO252
(6.350 – 6.650)
0.250 – 0.262
(5.200 – 5.400)
0.205 – 0.213
(9.500 – 9.900)
0.374 – 0.390
(1.27)
0.050
(0.400 – 0.600)
0.016 – 0.024
TYP.
(2.540)
1.00
TYP.
(2.550 – 2.900)
0.100 – 0.114
(0.430 – 0.580)
0.017 – 0.023
(1.400 – 1.780)
0.055 – 0.070
(0.000 – 0.127)
0.000 – 0.005
(5.400 – 5.700)
0.213 – 0.224
(2.200 – 2.400)
0.087 – 0.094
(0.430 – 0.580)
0.017 – 0.023
(3.800)
0.150 REF


Similar Part No. - GM2576-3.3S8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM2576HV GAMMA-GM2576HV Datasheet
496Kb / 8P
   Standard ESOP8 package is available
More results

Similar Description - GM2576-3.3S8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com