Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9221-ABZJ Datasheet(PDF) 11 Page - SMSC Corporation

Part # LAN9221-ABZJ
Description  High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9221-ABZJ Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LAN9221-ABZJ Datasheet HTML 7Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 8Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 9Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 10Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 11Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 12Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 13Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 14Page - SMSC Corporation LAN9221-ABZJ Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 151 page
background image
High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
Datasheet
SMSC LAN9221/LAN9221i
11
Revision 2.6 (12-04-08)
DATASHEET
1.1
Block Diagram
The SMSC LAN9221/LAN9221i integrated 10/100 MAC/PHY controller is a peripheral chip that
performs the function of translating parallel data from a host controller into Ethernet packets. The
LAN9221/LAN9221i Ethernet MAC/PHY controller is designed and optimized to function in an
embedded environment. All communication is performed with programmed I/O transactions using the
simple SRAM-like host interface bus.
The diagram shown above, describes a typical system configuration of the LAN9221/LAN9221i in a
typical embedded environment.
The LAN9221/LAN9221i is a general purpose, platform independent, Ethernet controller. The
LAN9221/LAN9221i consists of four major functional blocks. The four blocks are:
10/100 Ethernet PHY
10/100 Ethernet MAC
RX/TX FIFOs
Host Bus Interface (HBI)
Figure 1.1 System Block Diagram
Microprocessor/
Microcontroller
LAN9221/
LAN9221i
Magnetics
Ethernet
System
Peripherals
System Memory
EEPROM
(Optional)
LEDS/
GPIO
25MHz
XTAL
System Bus


Similar Part No. - LAN9221-ABZJ

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9221-ABZJ SMSC-LAN9221-ABZJ Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
More results

Similar Description - LAN9221-ABZJ

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9221 SMSC-LAN9221_12 Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
logo
SMSC Corporation
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
logo
ASIX Electronics Corpor...
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
   High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com