Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM2576-5.0PS8R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM2576-5.0PS8R
Description  2A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM2576-5.0PS8R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM2576-5.0PS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM2576-5.0PS8R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
GM2576
2A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Electrical Characteristics: GM2576-ADJ
(Specifications with standard type face are for T = 25℃, and those with bold face type apply over full Operating Temperature
rage
)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VIN =12V, ILOAD = 0.2A, VOUT is set to 5V
1.217
1.230
1.243
1.208
1.252
Feedback
Voltage
4.5V
< VIN < 40V, 0.2A < ILOAD < 2A,
VOUT is set to 5V
VFB
1.180
1.230
1.280
V
Efficiency
VIN =12V, ILOAD=2.0A, VOUT = 5V
η
77
%
Electrical Characteristics: GM2576-3.3
(Specifications with standard type face are for T = 25℃, and those with bold face type apply over full Operating Temperature
rage)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
3.163
3.390
Output Voltage
4.5V
< VIN < 40V, 0.2A < ILOAD < 2A
VOUT
3.201
3.300
3.432
V
Efficiency
VIN =12V, ILOAD=2.0A,
η
73
%
Electrical Characteristics: GM2576-5.0
(Specifications with standard type face are for T = 25℃, and those with bold face type apply over full Operating Temperature
rage)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
4.850
5.150
Output Voltage
4.5V
< VIN < 40V, 0.2A < ILOAD < 2A
VOUT
4.800
5.000
5.200
V
Efficiency
VIN =12V, ILOAD=2.0A
η
77
%


Similar Part No. - GM2576-5.0PS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM2576HV GAMMA-GM2576HV Datasheet
496Kb / 8P
   Standard ESOP8 package is available
More results

Similar Description - GM2576-5.0PS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com