Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EC000FN12 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC68EC000FN12
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EC000FN12 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC68EC000FN12 Datasheet HTML 6Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 7Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 8Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 9Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 10Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 11Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 12Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 13Page - Motorola, Inc MC68EC000FN12 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
5.0 MC68SEC000 DC ELECTRICAL SPECIFICATIONS
Add the following table to Section 10.13 on page 10-23.
(VCC = 5.0 Vdc ±5%, 3.3 Vdc ±10%,; GND = 0 Vdc; TA = TL to TH)
*During normal operation, instantaneous Vcc current requirements may be as high as 1.5A.
Currents listed are with no loading.
**Capacitance is periodically sampled rather than 100% tested.
3.3 V
5.0 V
CHARACTERISTIC
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Input High Voltage
VIH
2.0
VCC
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
GND –
0.5
0.8
V
Input Leakage Current BERR, BR, DTACK, CLK, I PL2-IPL0, AVEC
MODE, HALT, RESET
Iin
2.5
20
2.5
20
uA
Three-State (Off State) Input Current
ITSI
2.5
2.5
uA
Output High Voltage
VOH
2.4
VCC–0.75
V
Output Low Voltage
(IOL = 1.6 mA) HALT
(IOL = 3.2 mA) A23–A0, BG, FC2–FC0
(IOL = 5.0 mA) RESET
(IOL = 5.3 mA) AS, D15–D0, LDS, R/W, UDS
VOL
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
V
Current Dissipation*
f = 0 Hz
ID
0.7
1.0
mA
f=10MHz
10
15
mA
f=16 MHz
15
25
mA
f= 20 MHz
20
30
mA
Capacitance (Vin = 0 V, TA = 25 °C, Frequency = 1 MHz)**
Cin
20.0
20.0
pF
Load Capacitance
HALT
All Others
CL
70
130
—70
130
pF


Similar Part No. - MC68EC000FN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EC000 MOTOROLA-MC68EC000 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000 MOTOROLA-MC68EC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68EC000 FREESCALE-MC68EC000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68EC000D MOTOROLA-MC68EC000D Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
More results

Similar Description - MC68EC000FN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com