Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1117S-3.0ST3R Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM1117S-3.0ST3R
Description  1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117S-3.0ST3R Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM1117S-3.0ST3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 12Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 13Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 14Page - Gamma Microelectronics Inc. GM1117S-3.0ST3R Datasheet HTML 15Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
GM1117S
1A LOW DROPOUT
PRECISION VOLTAGE REGULATOR
Heatsink Requirements
When an integrated circuit operates with an appreciable current, its junction temperature is elevated.
It is important to consider its thermal limits in order to achieve acceptable performance and reliability.
This limit is determined by summing the individual parts consisting of a series of temperature rises
from the semiconductor junction to the operating environment.
The heat generated at the device junction flows through the die to the die attach pad, through the
lead frame to the surrounding case material, to the printed circuit board, and eventually to the
ambient environment. Below is a list of variables that may affect the thermal resistance and in turn
the need to a heatsink.
ΘJC, Junction to Case Thermal Resistance
ΘCA, Case to Ambient Thermal Resistance
1.
Lead Frame Size & Material
2.
Number of conducting Pins
3.
Die Size
4.
Die Attach Material
5.
Molding Compound Size & Material
1.
Mounting Pad Size, Material & Location
2.
Placement of Mounting Pad
3.
PCB Size & Material
4.
Traces Length & Width
5.
Adjacent Heat Source
6.
Volume of Air
7.
Ambient Temperature
8.
Shape of Mounting Pad
The GM1117S regulators have internal thermal shutdown to protect the device from over heating.
Under all possible operating conditions, the junction temperature of the GM1117S must be within in
the range of 0°C to 125°C. A heatsink may be required depending on the maximum power
dissipation and maximum ambient temperature of the application. To determine if a heatsink is
needed, the power dissipated y the regulator, PD, must be calculated according to the circuit below:
IIN = IL + IG
PD = (VIN – VOUT) X IL + VIN X IG
The next parameter which must be calculated is the maximum allowable temperature rise, TR(max):
TR(max) = TJ(max) – TA(max)
Where TJ(max) is the maximum allowable junction temperature (125°C) and TA(max) is the maximum
ambient temperature which will be encountered in the application.
Using the calculated values for TR(max) and PD the maximum allowable value for the junction-to-ambient
thermal resistance (θJA) can be calculated:
ΘJA(max) = TR(max) X PD
If the maximum allowable value for ΘJA is found to be > 136°C/W for SOT223 packages or > 79°C/W
for TO220 package or > 92°C/W for TO252 package, no heat sink is needed since the package
alone will dissipate enough heat to satisfy these requirements. If the calculated value for ΘJA falls
below these limits, a heat sink is required.
VIN
VOUT
GM1117S
VIN
VOUT
Gnd
IG
IL
IIN


Similar Part No. - GM1117S-3.0ST3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results

Similar Description - GM1117S-3.0ST3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117_1 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com