Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-G5KL-911M50-D4XC Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FAR-G5KL-911M50-D4XC
Description  JCDMA(BW27MHz)/ Cell Tx
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-G5KL-911M50-D4XC Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FAR-G5KL-911M50-D4XC Datasheet HTML 1Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 2Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 3Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 4Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 5Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 6Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 7Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 8Page - Fujitsu Component Limited. FAR-G5KL-911M50-D4XC Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
*Pb Free part
Customer Name
Standard Specification
FUJITSU MEDIA DEVICES LIMITED
System
JCDMA(BW27MHz)/ Cell Tx
DATE
Oct 31, 2007
FMD Part Number
FAR-G5KL-911M50-D4XC
Version 2.0bb
Dimensions
Device size: 1.8typ. x 1.4typ. x 0.5max.
Pin Configuration
Pin No.
Pin
name
Description
1
OUT
Filter1 output pin
2
GND
Ground
3
GND
Ground
4
OUT
Filter2 output pin
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
IN
Input pin
9
GND
Ground
10
GND
Ground
Evaluation Circuit
Filter No.
Pass band
(MHz)
System
1
898 ~ 925
JCDMA-Tx
(27MHz)
2
824 ~ 849
Cell-Tx
Unit: mm
index


Similar Part No. - FAR-G5KL-911M50-D4XC

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KC-942M50-Y4YW TAIYO-YUDEN-FAR-G5KC-942M50-Y4YW Datasheet
1Mb / 12P
   SAW Dual Filter
logo
Fujitsu Component Limit...
FAR-G5KK-911M50-D4KE FUJITSU-FAR-G5KK-911M50-D4KE Datasheet
187Kb / 9P
   JCDMA/CDMA (B.W.27MHz 25MHz) Tx
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KT-942M50-Y4RW TAIYO-YUDEN-FAR-G5KT-942M50-Y4RW Datasheet
558Kb / 12P
   SAW Dual Filter
FAR-G5KT-942M50-Y4RZ TAIYO-YUDEN-FAR-G5KT-942M50-Y4RZ Datasheet
532Kb / 12P
   SAW Dual Filter
FAR-G5KW-942M50-Y4YD TAIYO-YUDEN-FAR-G5KW-942M50-Y4YD Datasheet
1Mb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G5KL-911M50-D4XC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-G5KK-911M50-D4KE FUJITSU-FAR-G5KK-911M50-D4KE Datasheet
187Kb / 9P
   JCDMA/CDMA (B.W.27MHz 25MHz) Tx
logo
API Technologies Corp
CMF211 APITECH-CMF211 Datasheet
108Kb / 1P
   JCDMA Receive Filter
logo
Fujitsu Component Limit...
FAR-F5KA-836M50-D4CM FUJITSU-FAR-F5KA-836M50-D4CM Datasheet
125Kb / 5P
   Cell Band-Tx (50/50ohm Unbalance)
logo
Sony Corporation
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1156K SONY-CXG1156K Datasheet
84Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1117K SONY-CXG1117K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1158K SONY-CXG1158K Datasheet
28Kb / 1P
   Power Amplifier Module for JCDMA
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7822 AVAGO-ACPM-7822 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
logo
PHOENIX CONTACT
2700967 PHOENIX-2700967 Datasheet
65Kb / 6P
   Router - FL MGUARD DELTA TX/TX
13.02.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com