Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1117-3.0TA3T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM1117-3.0TA3T
Description  1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117-3.0TA3T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM1117-3.0TA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1117-3.0TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
GM1117
1A LOW DROPOUT
PRECISION VOLTAGE REGULATOR
Package Outline Dimensions – TO263
0.045 - 0.055
(1.143 - 1.397)
0.050 +/- 0.012
(1.270 +/- 0.305)
0.090 - 0.110
(2.286 - 2.794)
0.143 + 0.012
0.143 - 0.002
(3.632 + 0305)
(3.362 - 0.508)
0.050
(1.270)
0.013 - 0.023
(0.330 - 0.584)
TYP
0.059
(1.499)
0.020 - 0.039
(0.510 - 0.990)
0.330 - 0.370
(8.382 - 9.398)
0.060
(1.524)
TYP
0.390 - 0.415
(9.906 - 10.541)
TYP
15
0.105 - 0.180
(4.191 - 4.572)


Similar Part No. - GM1117-3.0TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117-3.0TA3T GAMMA-GM1117-3.0TA3T Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM1117-3.0TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com