Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC915LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC915LP4E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC915LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC915LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC915LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC915LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC915LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC915LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC915LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC915LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC915LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 404
Application Circuit
HMC915LP4E
v00.1009
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 0.5 - 2.7 GHz
Recommended Components Values
C3
1000 pF
C4
2.2 μF
C1, C2, C5
100 pF
L1
24 nH
R1
1.8 Ohm


Similar Part No. - HMC915LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC910LC4B HITTITE-HMC910LC4B Datasheet
737Kb / 10P
   BROADBAND ANALOG TIME DELAY, DC - 24 GHz
logo
Analog Devices
HMC910LC4B AD-HMC910LC4B Datasheet
1Mb / 10P
   BROADBAND ANALOG TIME DELAY
HMC911 AD-HMC911 Datasheet
1Mb / 13P
   Broadband Analog Time Delay to 24 GHz
logo
Hittite Microwave Corpo...
HMC911LC4B HITTITE-HMC911LC4B Datasheet
1Mb / 11P
   BROADBAND ANALOG
logo
Analog Devices
HMC911LC4B AD-HMC911LC4B Datasheet
1Mb / 13P
   Broadband Analog Time Delay to 24 GHz
More results

Similar Description - HMC915LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com