Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH216 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-ALH216
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH216 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-ALH216 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH216 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH216 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ALH216 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH216 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH216 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 126
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 14 - 27 GHz
v03.0209
General Description
Features
Functional Diagram
Noise Figure: 2.5 dB @ 20 GHz
Gain: 18 dB
P1dB Output Power: +14 dBm
Supply Voltage: +4V @ 90 mA
Die Size: 2.25 x 1.58 x 0.1 mm
Electrical Specifications*
, T
A = +25° C, Vdd= +4V
Typical Applications
This HMC-ALH216 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military & Space
• Test Instrumentation
The HMC-ALH216 is a GaAs MMIC HEMT Wideband
Low Noise Amplifier die which operates between 14
and 27 GHz. The amplifier provides 18 dB of gain,
2.5 dB noise figure and +14 dBm of output power at
1 dB gain compression while requiring only 90 mA
from a +4V supply voltage. The HMC-ALH216 amplifier
is
ideal
for
integration
into
Multi-Chip-Modules
(MCMs) due to its small size.
HMC-ALH216
Parameter
Min.
Typ.
Max.
Units
Frequency Range
14 - 27
GHz
Gain
14
18
dB
Gain Variation over Temperature
0.02
dB / °C
Noise Figure
2.7
4.5
dB
Input Return Loss
15
dB
Output Return Loss
15
dB
Supply Current (Idd) (Vdd = 4V, Vgg = -0.5 Typ.)
90
mA
*Unless otherwise indicated, all measurements are from probed die


Similar Part No. - HMC-ALH216

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC-ALH216

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC504LC4B HITTITE-HMC504LC4B Datasheet
911Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH313 HITTITE-HMC-ALH313_09 Datasheet
187Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
HMC-ALH313 HITTITE-HMC-ALH313 Datasheet
188Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com